Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PACDN009MR Datasheet(PDF) 5 Page - ON Semiconductor

Part # PACDN009MR
Description  5-Channel ESD Protection Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

PACDN009MR Datasheet(HTML) 5 Page - ON Semiconductor

  PACDN009MR Datasheet HTML 1Page - ON Semiconductor PACDN009MR Datasheet HTML 2Page - ON Semiconductor PACDN009MR Datasheet HTML 3Page - ON Semiconductor PACDN009MR Datasheet HTML 4Page - ON Semiconductor PACDN009MR Datasheet HTML 5Page - ON Semiconductor PACDN009MR Datasheet HTML 6Page - ON Semiconductor PACDN009MR Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PACDN009
http://onsemi.com
5
the effects of the parasitic series inductance inherent in the capacitor. The breakdown voltage of the zener diode should be
slightly higher than the maximum supply voltage.
As a general rule, the ESD Protection Array should be located as close as possible to the point of entry of expected
electrostatic discharges. The power supply bypass capacitor mentioned above should be as close to the VP pin of the Protection
Array as possible, with minimum PCB trace lengths to the power supply, ground planes and between the signal input and the
ESD device to minimize stray series inductance.
Additional Information
See also ON Semiconductor Application Notes AP209, “Design Considerations for ESD Protection” and AP219, “ESD
Protection for USB 2.0 Systems”.
POSITIVE SUPPLY RAIL
CHANNEL
INPUT
GROUND RAIL
CHASSIS GROUND
SYSTEM OR
CIRCUITRY
BEING
PROTECTED
LINE BEING
PROTECTED
ONE
CHANNEL
OF
PACDN009
D2
D1
L1
L2
VCL
VN
VP
PATH OF ESD CURRENT PULSE IESD
0 A
20 A
Figure 2. Application of Positive ESD Pulse between Input Channel and Ground


Similar Part No. - PACDN009MR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN009MR CALMIRCO-PACDN009MR Datasheet
184Kb / 8P
   5 Channel ESD Protection Array
logo
ON Semiconductor
PACDN009MR ONSEMI-PACDN009MR Datasheet
113Kb / 10P
   5-Channel ESD Protection Array
May 2010 Rev. 3
More results

Similar Description - PACDN009MR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
PACDN009 CALMIRCO-PACDN009 Datasheet
184Kb / 8P
   5 Channel ESD Protection Array
logo
ON Semiconductor
PACDN009 ONSEMI-PACDN009 Datasheet
113Kb / 10P
   5-Channel ESD Protection Array
May 2010 Rev. 3
logo
SYNC POWER Crop.
SPE0525_0911 SYNC-POWER-SPE0525_0911 Datasheet
197Kb / 7P
   5-Line ESD Protection Array
SPE1225 SYNC-POWER-SPE1225 Datasheet
229Kb / 7P
   5-Line ESD Protection Array
SPE0506 SYNC-POWER-SPE0506 Datasheet
220Kb / 7P
   5-Line ESD Protection Array
SPE0535 SYNC-POWER-SPE0535 Datasheet
224Kb / 7P
   5-Line ESD Protection Array
SPE0526_0911 SYNC-POWER-SPE0526_0911 Datasheet
211Kb / 7P
   5-Line ESD Protection Array
SPE0535 SYNC-POWER-SPE0535_09 Datasheet
197Kb / 7P
   5-Line ESD Protection Array
SPE0525 SYNC-POWER-SPE0525 Datasheet
229Kb / 7P
   5-Line ESD Protection Array
SPE0515 SYNC-POWER-SPE0515 Datasheet
222Kb / 7P
   5-Line ESD Protection Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com