Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL05T1G Datasheet(PDF) 4 Page - ON Semiconductor

Part # SL05T1G
Description  Capacitance TVS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SL05T1G Datasheet(HTML) 4 Page - ON Semiconductor

  SL05T1G Datasheet HTML 1Page - ON Semiconductor SL05T1G Datasheet HTML 2Page - ON Semiconductor SL05T1G Datasheet HTML 3Page - ON Semiconductor SL05T1G Datasheet HTML 4Page - ON Semiconductor SL05T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SL05T1G Series
www.onsemi.com
4
Applications Background
This family of TVS devices (SL05T1 series) are designed
to protect sensitive electronics such as communications
systems, computers, and computer peripherals against
damage due to ESD conditions or transient voltage
conditions. Because of their low capacitance value (less than
5 pF), they can be used in high speed I/O data lines. Low
capacitance is achieved by integrating a compensating diode
in series with the TVS which is basically based in the below
theoretical principle:
Capacitance in parallel: CT = C1+C2+....+Cn
Capacitance in series: 1/CT = (1/C1)+(1/C2)+....+(1/Cn)
The Figure 5 shows the integrated solution of the SL05T1
series device:
Figure 5.
COMPENSATING
DIODE
TVS
In the case that an over−voltage condition occurs in the I/O
line protected by the SL05T1 series device, the TVS is
reversed−biased
while
the
compensation
diode
is
forward−biased so the resulting current due to the transient
voltage is drained to ground.
If protection in both polarities is required, an additional
device is connected in inverse−parallel with reference to the
first one, the Figure 6 illustrates the inverse−parallel
connection for bi−directional or unidirectional lines:
Figure 6.
3
2
1
3
2
1
An alternative solution to protect unidirectional lines, is to
connect a fast switching steering diode in parallel with the
SL05T1 series device. When the steering diode is
forward−biased, the TVS will avalanche and conduct in
reverse direction. It is important to note that by adding a
steering diode, the effective capacitance in the circuit will be
increased, therefore the impact of adding a steering diode
must be taken in consideration to establish whether the
incremental capacitance will affect the circuit functionality
or not. The Figure 7 shows the connection between the
steering diode and the SL05T1 series device:
Figure 7.
STEERING DIODE
SL05T1 DEVICE
Another typical application in which the SL05T1 series
device can be utilized, is to protect multiple I/O lines. The
protection in each of the I/O lines is achieved by connecting
two devices in inverse−parallel. The Figure 8 illustrates how
multiple I/O line protection is achieved:
Figure 8.
OUTPUT
INPUT
For optimizing the protection, it is recommended to use ground planes and short path lengths to minimize the PCB’s ground inductance.


Similar Part No. - SL05T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SL05T1G ONSEMI-SL05T1G Datasheet
60Kb / 5P
   300 Watt, SOT-23 Low Capacitance TVS for High Speed Line Protections
December, 2006 ??Rev. 5
SL05T1G ONSEMI-SL05T1G Datasheet
113Kb / 5P
   300 Watt SOT-23 Low Capacitance TVS for High Speed Line Protections
March, 2013 ??Rev. 8
More results

Similar Description - SL05T1G

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SD05 DGNJDZ-SD05 Datasheet
203Kb / 4P
   STANDARD CAPACITANCE TVS
logo
SUNMATE electronic Co.,...
PEDSD12C SUNMATE-PEDSD12C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6 Datasheet
195Kb / 3P
   Low Capacitance TVS
logo
SUNMATE electronic Co.,...
PEDSD03C SUNMATE-PEDSD03C Datasheet
241Kb / 3P
   STANDARD CAPACITANCE TVS
logo
Shanghai Leiditech Elec...
LC03-6 LEIDITECH-LC03-6_V01 Datasheet
636Kb / 4P
   Low Capacitance TVS
logo
Applied Power Microelec...
LC03-6 APMICRO-LC03-6 Datasheet
1Mb / 8P
   Low Capacitance TVS
logo
Protek Devices
PSMS05 PROTEC-PSMS05 Datasheet
183Kb / 5P
   STANDARD CAPACITANCE TVS ARRAY
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
SEBLCXX BWTECH-SEBLCXX Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
SEBLC BWTECH-SEBLC Datasheet
401Kb / 4P
   Ultraslow Capacitance TVS Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com