Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA10665 Datasheet(PDF) 1 Page - Cree, Inc

Part # FA10665
Description  Rose series
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FA10665 Datasheet(HTML) 1 Page - Cree, Inc

  FA10665 Datasheet HTML 1Page - Cree, Inc FA10665 Datasheet HTML 2Page - Cree, Inc FA10665 Datasheet HTML 3Page - Cree, Inc FA10665 Datasheet HTML 4Page - Cree, Inc FA10665 Datasheet HTML 5Page - Cree, Inc FA10665 Datasheet HTML 6Page - Cree, Inc FA10665 Datasheet HTML 7Page - Cree, Inc FA10665 Datasheet HTML 8Page - Cree, Inc FA10665 Datasheet HTML 9Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT DATASHEET
Rose series
last update 27/6/2013
DETAILS
Product Number
FA10665_CXP-M
Family
Rose
Type
Assembly
Color
black
Diameter
21,6 + 21,6 mm
Height
13,15 mm
Style
square
Optic Material
PC
Holder Material
Fastening
tape
Status
production ready
ROHS Comliant
Yes
Date Updated
27/06/2013
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XP-E
30 deg
Medium
83 %
2.110
-
XP-G
29 deg
Medium
82 %
2.300
-
XP-E-HEW
28 deg
Medium
-
2.610
-
XP-L
30 deg
Medium
77 %
2.400
-
Z5
28 deg
Medium
80 %
-
-
June 15th 2017 5:01 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FA10665

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA10665 LEDIL-FA10665 Datasheet
1Mb / 5P
   ~30째 medium beam optimized for CREE XP-E.
More results

Similar Description - FA10665

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA11909 CREE-FA11909 Datasheet
79Kb / 3P
   Rose series
FA12620 CREE-FA12620 Datasheet
265Kb / 6P
   Rose series
FA10667 CREE-FA10667 Datasheet
554Kb / 9P
   Rose series
FA10708 CREE-FA10708 Datasheet
659Kb / 10P
   Rose series
FA11911 CREE-FA11911 Datasheet
411Kb / 6P
   Rose series
FCA15008 CREE-FCA15008 Datasheet
372Kb / 5P
   Rose series
CA13623 CREE-CA13623 Datasheet
150Kb / 3P
   Rose series
FCA15009 CREE-FCA15009 Datasheet
370Kb / 6P
   Rose series
FA11153 CREE-FA11153 Datasheet
99Kb / 2P
   Rose series
CA11839 CREE-CA11839 Datasheet
409Kb / 8P
   Rose series
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com