Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3342 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SK3342
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3342 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SK3342 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3342 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3342 Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2SK3342
2002-01-25
1
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (π−MOSV)
2SK3342
Switching Regulator Applications DC−DC Converter, and
Motor Drive Applications
l Low drain−source ON resistance
: RDS (ON) = 0.8 Ω (typ.)
l High forward transfer admittance
: |Yfs| = 4.5 S (typ.)
l Low leakage current
: IDSS = 100 µA (max) (VDS = 250 V)
l Enhancement−mode
: Vth = 1.5~3.5 V (VDS = 10 V, ID = 1 mA)
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Drain−source voltage
VDSS
250
V
Drain−gate voltage (RGS = 20 kΩ)
VDGR
250
V
Gate−source voltage
VGSS
±20
V
DC
(Note 1)
ID
4.5
A
Drain current
Pulse (Note 1)
IDP
18
A
Drain power dissipation (Tc
= 25°C)
PD
20
W
Single pulse avalanche energy
(Note 2)
EAS
51
mJ
Avalanche current
IAR
4.5
A
Repetitive avalanche energy (Note 3)
EAR
2.0
mJ
Channel temperature
Tch
150
°C
Storage temperature range
Tstg
−55~150
°C
Thermal Characteristics
Characteristics
Symbol
Max
Unit
Thermal resistance, channel to case
Rth (ch−c)
6.25
°C / W
Thermal resistance, channel to
ambient
Rth (ch−a)
125
°C / W
Note 1: Please use devices on condition that the channel temperature is
below 150°C.
Note 2: VDD = 50 V, Tch = 25°C (initial), L = 4.28 mH, RG = 25 Ω,
IAR = 4.5 A
Note 3: Repetitive rating; Pulse width limited by maximum channel
temperature.
This transistor is an electrostatic sensitive device.
Please handle with caution.
Unit: mm
JEDEC
JEITA
SC-64
TOSHIBA
2-7B1B
Weight: 0.36 g (typ.)
JEDEC
JEITA
TOSHIBA
2-7J1B
Weight: 0.36 g (typ.)


Similar Part No. - 2SK3342

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3342 TOSHIBA-2SK3342 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3342 TOSHIBA-2SK3342 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3342 TOSHIBA-2SK3342 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SK3342 TOSHIBA-2SK3342_07 Datasheet
249Kb / 6P
   Silicon N Channel MOS Type Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SK3342 TOSHIBA-2SK3342_10 Datasheet
238Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

Similar Description - 2SK3342

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3407 TOSHIBA-2SK3407 Datasheet
230Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3543 TOSHIBA-2SK3543 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3374 TOSHIBA-2SK3374 Datasheet
227Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (pi-MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SK2312 TOSHIBA-2SK2312_06 Datasheet
715Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com