Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ620 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # 2SJ620
Description  TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SJ620 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  2SJ620 Datasheet HTML 1Page - Toshiba Semiconductor 2SJ620 Datasheet HTML 2Page - Toshiba Semiconductor 2SJ620 Datasheet HTML 3Page - Toshiba Semiconductor 2SJ620 Datasheet HTML 4Page - Toshiba Semiconductor 2SJ620 Datasheet HTML 5Page - Toshiba Semiconductor 2SJ620 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SJ620
2002-09-11
2
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Gate leakage current
IGSS
VGS = ±16 V, VDS = 0 V
¾
¾
±10
mA
Drain cut-OFF current
IDSS
VDS = -100 V, VGS = 0 V
¾
¾
-100
mA
Drain-source breakdown voltage
V (BR) DSS
ID = -10 mA, VGS = 0 V
-100
¾
¾
V
Gate threshold voltage
Vth
VDS = -10 V, ID = -1 mA
-0.8
¾
-2.0
V
VGS = -4 V, ID = -9 A
¾
85
120
Drain-source ON resistance
RDS (ON)
VGS = -10 V, ID = -9 A
¾
63
90
m
W
Forward transfer admittance
ïYfsï
VDS = -10 V, ID = -6 A
7
15
¾
S
Input capacitance
Ciss
¾
2900
¾
Reverse transfer capacitance
Crss
¾
480
¾
Output capacitance
Coss
VDS = -10 V, VGS = 0 V, f = 1 MHz
¾
1000
¾
pF
Rise time
tr
¾
25
¾
Turn-ON time
ton
¾
45
¾
Fall time
tf
¾
25
¾
Switching time
Turn-OFF time
toff
¾
170
¾
ns
Total gate charge
(gate-source plus gate-drain)
Qg
¾
140
¾
Gate-source charge
Qgs
¾
90
¾
Gate-drain (“miller”) charge
Qgd
VDD ~- -80 V, VGS = -10 V, ID = -18 A
¾
50
¾
nC
Source-Drain Ratings and Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Continuous drain reverse current (Note 1)
IDR
¾
¾
¾
-18
A
Pulse drain reverse current
(Note 1)
IDRP
¾
¾
¾
-72
A
Forward voltage (diode)
VDSF
IDR = -18 A, VGS = 0 V
¾
¾
1.7
V
Reverse recovery time
trr
¾
220
¾
ms
Reverse recovery charge
Qrr
IDR = -18 A, VGS = 0 V,
dIDR/dt = 50 A/ms
¾
0.97
¾
mC
Marking
Lot Number
Month (starting from alphabet A)
Year
(last number of the christian era)
Type
J620
Duty <= 1%, tw = 10 ms
-10 V
0 V
VGS
VDD ~- -50 V
ID = -9 A
VOUT


Similar Part No. - 2SJ620

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ620 TOSHIBA-2SJ620 Datasheet
191Kb / 6P
   Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SJ620 TOSHIBA-2SJ620 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
2SJ620 TOSHIBA-2SJ620 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
2SJ620 TOSHIBA-2SJ620_06 Datasheet
191Kb / 6P
   Silicon P Channel MOS Type Switching Regulator and DC-DC Converter Applications
2SJ620 TOSHIBA-2SJ620_09 Datasheet
185Kb / 6P
   Switching Regulator and DC-DC Converter Applications Motor Drive Applications
More results

Similar Description - 2SJ620

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
2SK2312 TOSHIBA-2SK2312_06 Datasheet
715Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
2SK2312 TOSHIBA-2SK2312_02 Datasheet
244Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2−??MOSV)
2SK3387 TOSHIBA-2SK3387 Datasheet
216Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (L2-pi-MOSV)
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
   TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SK3130 TOSHIBA-2SK3130 Datasheet
203Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (?-MOSV)
2SK3342 TOSHIBA-2SK3342 Datasheet
129Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (MOSV)
2SK3310 TOSHIBA-2SK3310 Datasheet
234Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
2SK3471 TOSHIBA-2SK3471 Datasheet
104Kb / 3P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOSV)
2SK3314 TOSHIBA-2SK3314 Datasheet
263Kb / 6P
   TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PI-MOSV)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com