Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16TW Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS16TW
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS16TW Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS16TW_16 Datasheet HTML 1Page - Pan Jit International Inc. BAS16TW_16 Datasheet HTML 2Page - Pan Jit International Inc. BAS16TW_16 Datasheet HTML 3Page - Pan Jit International Inc. BAS16TW_16 Datasheet HTML 4Page - Pan Jit International Inc. BAS16TW_16 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
BAS16TW/BAW56DW/BAV70DW/BAV99S
May 26,2016­REV.04
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volt
200mWatt
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
• High Conductance
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOT-363, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Approx. Weight: 0.0002 ounces, 0.006 grams
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
NOTE : 1. Reverse Bias Voltage = 0. f=1MHz
2. I F=10mA to I R=1mA. VR=6V. Load=100
Ω
PARAMETER
SYMBOL
BAS16TW
BAW56DW
BAV70DW
BAV99S
UNITS
Marking Code
-
16T
JC
JA
JB
-
Reverse Voltage
V
R
75
V
Peak Reverse Voltage
V
RM
100
V
Rectified Current (Average),Half Wave Rectification With
Resistive Load and f>50Hz
I
O
150
mA
Peak Forward Surge Current, 1
μsI
FSM
4A
Power Dissipation Derate Above 25OCP
TOT
200
mW
Maximum Forward Voltage
V
F
0.715@I
F=0.001A
0.855@I
F=0.01A
1@I
F=0.05A
1.25@I
F=0.15A
V
Maximum DC Reverse Current at 25V
75V
I
R
0.03
2.5
μA
Maximum Junction Capacitance (Note 1)
C
J
1.5
pF
Maximum Reverse Recovery Time (Note 2)
T
RR
4ns
Typical Thermal Resistance
R
θJA
625
OC / W
Operating Junction and Storage Temperature Range
T
J,TSTG
-55 to +150
OC
Circuit Figure
Fig.48
Fig.51
Fig.52
Fig.32


Similar Part No. - BAS16TW_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS16TW-13-F DIODES-BAS16TW-13-F Datasheet
213Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE ARRAY
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW_11 Datasheet
158Kb / 2P
   0.15A , 100V Surface Mount Switching Diode Array
logo
Micro Commercial Compon...
BAS16TW MCC-BAS16TW_13 Datasheet
209Kb / 2P
   200mW Switching Diode
logo
SeCoS Halbleitertechnol...
BAS16TW SECOS-BAS16TW_15 Datasheet
158Kb / 2P
   Surface Mount Switching Diode Array
More results

Similar Description - BAS16TW_16

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com