Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS16-AU Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS16-AU
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS16-AU Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS16-AU_17 Datasheet HTML 1Page - Pan Jit International Inc. BAS16-AU_17 Datasheet HTML 2Page - Pan Jit International Inc. BAS16-AU_17 Datasheet HTML 3Page - Pan Jit International Inc. BAS16-AU_17 Datasheet HTML 4Page - Pan Jit International Inc. BAS16-AU_17 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PBAS16-AU~BAS21-AU
March 1,2017-REV.02
Page 1
SURFACE MOUNT SWITCHING DIODES
Voltage
100~250 V
Current
350 mW
0.120(3.04)
0.110(2.80)
0.056(1.40)
0.047(1.20)
0.079(2.00)
0.070(1.80)
0.020(0.50)
0.013(0.35)
0.044(1.10)
0.035(0.90)
0.008(0.20)
0.003(0.08)
0.004(0.10)
0.000(0.00)
Features
 Fast switching speed.
 Surface mount package Ideally Suited for Automatic insertion
 Electrically Identical to Standard JEDEC
 High Conductance
 Acquire quality system certificate : TS16949
 AEC-Q101 qualified
 Lead free in compliance with EU RoHS2.0 (2011/65/EU & 2015/865/EU
directive).
 Green molding compound as per IEC61249 Std..(Halogen Free)
Mechanical Data
 Case: SOT-23, Plastic
 Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
 Approx. Weight: 0.0003 ounce, 0.0084 gram
 Marking: Part number
NOTES :
1. CJ at VR=0, f=1MHz
2. From IF=10mA to IR =1mA, VR=6Volts, RL=100
Maximum Ratings (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
BAS16-AU
BAS19-AU
BAS20-AU
BAS21-AU
UNIT
Marking Code
A6
A8
A80
A82
Reverse Voltage
VR
75
100
150
200
V
Peak Reverse Voltage
VRM
100
120
200
250
V
Rectified Current (Average), Half Wave Rectification
With Resistive Load And f >50Hz
IO
250
200
200
200
V
Peak Forward Surge Current, tp=1
s Single Half
Sine-Wave Superimposed On Rated Load
IFSM
2
2.5
2.5
2.5
A
Power Dissipation Derate Above 25
oC
PTOT
350
350
350
350
A
Maximum Forward Voltage
VF
0.855@10mA
1.0@100mA
1.0@100mA
1.0@100mA
V
Maximum Dc Reverse Current At Rated Dc Blocking
Voltage TJ=25
oC
IR
1
1
1
1
A
Typical Junction Capacitance (Notes1)
CJ
2
1.5
1.5
1.5
Maximum Reverse Recovery Time (Note 2)
TRR
6
50
50
50
nS
Typical Thermal Resistance (Note 3)
RθJA
357
oC/W
Operating Junction Temperature And Storage
Temperature Range
TJ,TSTG
-55 to +150
oC


Similar Part No. - BAS16-AU_17

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16-AU_A0_00001 PANJIT-BAS16-AU_A0_00001 Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAS16-AU_A0_10001 PANJIT-BAS16-AU_A0_10001 Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAS16-AU_A1_00001 PANJIT-BAS16-AU_A1_00001 Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAS16-AU_A1_10001 PANJIT-BAS16-AU_A1_10001 Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
BAS16-AU_A2_00001 PANJIT-BAS16-AU_A2_00001 Datasheet
452Kb / 5P
   SURFACE MOUNT SWITCHING DIODES Fast switching speed
More results

Similar Description - BAS16-AU_17

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com