Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4448W_R1_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1N4448W_R1_00001
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4448W_R1_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N4448W_R1_00001 Datasheet HTML 1Page - Pan Jit International Inc. 1N4448W_R1_00001 Datasheet HTML 2Page - Pan Jit International Inc. 1N4448W_R1_00001 Datasheet HTML 3Page - Pan Jit International Inc. 1N4448W_R1_00001 Datasheet HTML 4Page - Pan Jit International Inc. 1N4448W_R1_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
September 13,2012-REV.03
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volts
500mWatts
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=10mA to IR=1mA, VR=6Volts, RL=100Ω
PA RA ME TE R
SYMB OL
1N4448W
UNITS
Revers e Voltage
V
R
75
V
P eak Reverse Voltage
V
RM
100
V
RMS Voltage
V
RMS
50
V
Forward C onti nuous
I
FM
500
mA
Maxi mum D C B locki ng Voltage
V
DC
75
V
Maxi mum A verage F orward C urrent at TA=25OC
I
F(AV )
150
mA
P eak F orward S urge C urrent, 1.0us
I
FSM
4
A
P ower D i ssi pati on D erate A bove 25OC
P
TOT
500
mW
Maxi mum F orward Voltage
V
F
0.72 / 0.005A
1.0 / 0.1A
V
Maxi mum D C Reverse C urrent at Rated D C B locki ng Voltage TJ=25OC
I
R
2.5@75V
μ
A
Juncti on C apaci tance( Note1)
C
J
4.0
pF
Maxi mum Reverse Recovery (Note2)
t
rr
4.0
ns
Typi cal Thermal Resi stance
R
θ
JA
450
O
C / W
Operati ng and S torage Temperature Range
T
J,TSTG
-55 to +150
O
C
FEATURES
• Fast switching Speed
• Electrically ldentical to Standerd JEDEC
• High Conductance
• Surface Mount Package ldeally Suited for Automatic lnsertion
• Lead free in comply with EU RoHS 2011/65/EU directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL
• Case: SOD-123 plastic case.
• Terminals : Solderable per MIL-STD-750,Method 2026
• Standard packaging: 8mm tape
• Weight: approximately 0.0004 ounces, 0.01grams
• Marking Code: A3
DATA
0.154(3.90)
0.141(3.60)
0.110(2.80)
0.098(2.50)
0.028(0.70)
0.019(0.50)
0.008(0.20)MAX.
0.005(0.12)MAX.
0.016(0.40)MIN.
0.053(1.35)
0.037(0.95)
0.071(1.80)
0.055(1.40)
Unit inch(mm)
SOD-123
1N4448W


Similar Part No. - 1N4448W_R1_00001

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4448WSRR TSC-1N4448WSRR Datasheet
100Kb / 2P
   200mW High Speed SMD Switching Diode
1N4448WSRR TSC-1N4448WSRR Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
1N4448WSRRG TSC-1N4448WSRRG Datasheet
171Kb / 3P
   200mW High Speed SMD Switching Diode
More results

Similar Description - 1N4448W_R1_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com