Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4148W-AU_R2_000A1 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1N4148W-AU_R2_000A1
Description  SURFACE MOUNT SWITCHING DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4148W-AU_R2_000A1 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N4148W-AU_R2_000A1 Datasheet HTML 1Page - Pan Jit International Inc. 1N4148W-AU_R2_000A1 Datasheet HTML 2Page - Pan Jit International Inc. 1N4148W-AU_R2_000A1 Datasheet HTML 3Page - Pan Jit International Inc. 1N4148W-AU_R2_000A1 Datasheet HTML 4Page - Pan Jit International Inc. 1N4148W-AU_R2_000A1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 26,2017­REV.05
1N4148W-AU
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100 Volt
410mWatt
FEATURES
• Fast switching Speed.
• Electrically ldentical to Standerd JEDEC
• High Conductance
• Surface Mount Package ldeally Suited for Automatic lnsertion.
• AEC-Q101 qualified
• L
ead free in compliance with EU RoHS2.0
(2011/65/EU & 2015/865/EU directive)
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOD-123 plastic case.
• Terminals: Solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0003 ounce, 0.0103 gram
• Marking Code: A2
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
NOTE :
1.CJ at VR=0, f=1MHZ
2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
Ω
3.Mounted on a FR4 PCB, single-sided copper, with 100cm2 copper pad area.
1
2
Cathode
Anode
PARAMETER
SYMBOL
VALUE
UNITS
Reverse Voltage
V
R
75
V
Peak Reverse Voltage
V
RM
100
V
RMS Voltage
V
RMS
50
V
Maximum DC Blocking Voltage
V
DC
75
V
Maximum Average Forward Current at TA=25OC
I
F(AV)
200
mA
Peak Forward Surge Current, 0.001ms
I
FSM
4
A
Power Dissipation Derate Above 25OC
P
TOT
410
mW
Maximum Forward Voltage
V
F
0. 715@1mA
0. 855@10mA
1@50mA
1. 25@150mA
V
Maximum DC Reverse Current at Rated DC Blocking Voltage TJ= 25OC
I
R
0. 025@20V
2. 5@75V
μA
Junction Capacitance (Notes 1)
C
J
1. 5
pF
Maximum Reverse Recovery Time (Notes 2)
t
rr
4
ns
Typical Thermal Resistance
(Notes 3)
(Notes 3)
R
θJA
R
θJC
R
θJL
450
257
329
OC / W
Operating and Storage Temperature Range
T
J,TSTG
-55 to +150
OC
0.154(3.90)
0.141(3.60)
0.110(2.80)
0.098(2.50)
0.028(0.70)
0.019(0.50)
0.008(0.20)MAX.
0.005(0.12)MAX.
0.016(0.40)MIN.
0.053(1.35)
0.037(0.95)
0.071(1.80)
0.055(1.40)


Similar Part No. - 1N4148W-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4148W-AU_R2_000A1 PANJIT-1N4148W-AU_R2_000A1 Datasheet
271Kb / 5P
   SURFACE MOUNT SWITCHING DIODES
1N4148W-AU_R2_000A1 PANJIT-1N4148W-AU_R2_000A1 Datasheet
251Kb / 5P
   SURFACE MOUNT SWITCHING DIODES
May 26,2017REV.
More results

Similar Description - 1N4148W-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com