Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SS400D Datasheet(PDF) 3 Page - Weitron Technology

Part # 1SS400D
Description  SWITCHING DIODES 100m AMPERES 90 VOLTS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

1SS400D Datasheet(HTML) 3 Page - Weitron Technology

  1SS400D Datasheet HTML 1Page - Weitron Technology 1SS400D Datasheet HTML 2Page - Weitron Technology 1SS400D Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
WEITRON
http://www.weitron.com.tw
3/3
17-Jun-10
1SS400D
FORWARD VOLTAGE : VF (V)
Fig.1 Forward characteristics
10
5
2
1
0.5
0.2
0.1
ELECTRICAL CHARACTERISTIC CURVES
(Ta = 25°C)
1m
0.1m
10
µ
1
µ
100n
10n
1n
0
20
40
60
80
100
120
REVERSE VOLTAGE : VR (V)
Fig.3 Capacitance between terminals
REVERSE VOLTAGE : VR (V)
Fig.2 Reverse characteristics
02
4
6
8
10
1214
3
2
1
0
0.1
1
10
100
1000
10,000
FORWARD CURRENT : I F (mA)
Fig.4 Reverse recovery time characteristics
100
50
20
10
5
2
1
010
20
30
PULSE WIDTH : TW (ms)
Fig.5 Surge current characteristics
PULSEGENERATOR
OUTPUT 50
SAMPLING
OSCILLOSCOPE
50
Fig.6 Reverse recovery time (trr)
measurement circuit
5k
0.01
µF
D.U.T.
1
100m
10m
1m
100
µ
10
µ
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4


Similar Part No. - 1SS400D

ManufacturerPart #DatasheetDescription
logo
Goodwork Semiconductor ...
1SS400D GWSEMI-1SS400D Datasheet
296Kb / 3P
   Switching diode
More results

Similar Description - 1SS400D

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
1SS181 WEITRON-1SS181 Datasheet
221Kb / 2P
   Surface Mount Switching Diodes 100m AMPERES 80 VOLTS
1SS400BS WEITRON-1SS400BS Datasheet
824Kb / 3P
   SWITCHING DIODES 225m AMPERES 90 VOLTS
BA277 WEITRON-BA277 Datasheet
1Mb / 3P
   BAND SWITCHING DIODE 100m AMPERES 35 VOLTS
1SS356 WEITRON-1SS356 Datasheet
1Mb / 3P
   Band Switching Diode 100m AMPERES 35 VOLTS
WSD521BS WEITRON-WSD521BS Datasheet
669Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 100m AMPERES 30 VOLTS
BAS16BS WEITRON-BAS16BS Datasheet
900Kb / 3P
   SWITCHING DIODES 500m AMPERES 75 VOLTS
logo
Powerex Power Semicondu...
PRXC770 POWEREX-PRXC770 Datasheet
224Kb / 4P
   Fast Switching Thyristor 2100 Amperes 2000 Volts
logo
List of Unclassifed Man...
WSD551H ETC1-WSD551H Datasheet
250Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Weitron Technology
WSD521S-40 WEITRON-WSD521S-40 Datasheet
195Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD520BS WEITRON-WSD520BS Datasheet
675Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com