Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VRS0402SR55R121M Datasheet(PDF) 6 Page - YAGEO Corporation

Part No. VRS0402SR55R121M
Description  SURFACE-MOUNT CERAMIC MULTILAYER CHIP VARISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

VRS0402SR55R121M Datasheet(HTML) 6 Page - YAGEO Corporation

Back Button VRS0402SR55R121M Datasheet HTML 2Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 3Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 4Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 5Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 6Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 7Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 8Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 9Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.yageo.com
Aug. 14, 2014 V.7
Surface-Mount Ceramic MULTILAYER CHIP VARISTORS
6
10
Product specification
VR
5.5 V to 38 V
0402 / 0603
E
ES
SD
D ((E
EL
LE
EC
CT
TR
RO
OS
ST
TA
AT
TIIC
C D
DIIS
SC
CH
HA
AR
RG
GE
E)) T
TE
ES
ST
T
ESD discharge circuit according to IEC 61000-4-2
Fig. 3 ESD discharge circuit diagram
S
SP
PE
EC
CIIF
FIIC
CA
AT
TIIO
ON
N O
OF
F E
EL
LE
EC
CT
TR
RO
OS
ST
TA
AT
TIIC
C D
DIIS
SC
CH
HA
AR
RG
GE
E ((E
ES
SD
D)) T
TE
ES
ST
T::
According to standard EN 61000-4-2, up to 8 KV direct contact (contact discharge)
Table 4
THICKNESS CLASSES AND PACKING QUANTITY
SIZE CODE
THICKNESS CLASSIFICATION
TAPE WIDTH
QUANTITY PER REEL
Ø 180 MM / 7 INCH
(PAPER)
0402
0.5 ± 0.03 mm
8 mm
10,000
0603
0.8 ± 0.1 mm
8 mm
4,000


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn