Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VRS0402SR55R121M Datasheet(PDF) 5 Page - YAGEO Corporation

Part No. VRS0402SR55R121M
Description  SURFACE-MOUNT CERAMIC MULTILAYER CHIP VARISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

VRS0402SR55R121M Datasheet(HTML) 5 Page - YAGEO Corporation

  VRS0402SR55R121M Datasheet HTML 1Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 2Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 3Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 4Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 5Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 6Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 7Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 8Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.yageo.com
Aug. 14, 2014 V.7
Surface-Mount Ceramic MULTILAYER CHIP VARISTORS
5
10
Product specification
VR
5.5 V to 38 V
0402 / 0603
ELECTRICAL CHARACTERISTICS
PART NUMBER
VARISTOR/
BREAKDOWN
VOL.
MAX. WORKING
VOL.
CLAMPING
VOL.@1A
PEAK
CURRENT
LEAKAGE CURRENT
R.T. (15~35 °C)
CAPACITANCE
@ 1V (RMS)
DC @1mA
D.C (max.) 8/20 µS (max.) 8/20 µS (max.)
Voltage
Current
1KHz
1MHz
VRS0603SR55R181N
10 V ~ 14 V
5.5 V
20 V
12 A
5.5 V
10 µA
180 pF 100 pF
VRS0603MR55R301N
7.2 V ~ 10.8 V
5.5 V
18 V
15 A
5.5 V
10 µA
300 pF 180 pF
VRS0603MR55R361N
7.2 V ~ 10.8 V
5.5 V
18 V
20 A
5.5 V
10 µA
360 pF 180 pF
VRS0603SR55R471N
10 V ~ 14 V
5.5 V
20 V
30 A
5.5 V
10 µA
470 pF 280 pF
VRS0603MR55R681N
7.2 V ~ 10.8 V
5.5 V
18 V
30 A
5.5 V
10 µA
680 pF 410 pF
VRS0603MR55R801N
7.2 V ~ 10.8 V
5.5 V
18 V
30 A
5.5 V
10 µA
800 pF 480 pF
VRS0603MR55R901N
7.2 V ~ 10.8 V
5.5 V
18 V
30 A
5.5 V
10 µA
900 pF 540 pF
VRS0603SR090090N
18 V ~ 24 V
9 V
36 V
3 A
9 V
20 µA
9 pF
5.5 pF
VRS0603KR140351N
16.2 V ~ 19.8 V
14 V
33 V
30 A
14 V
20 µA
350 pF
---
VRS0603SR180030N
50 V ~ 80 V
18 V
130 V
1 A
18 V
10 µA
3 pF
2 pF
VRS0603SR180050N
50 V ~ 80 V
18 V
130 V
2 A
18 V
10 µA
5 pF
3 pF
VRS0603SR180100N
24 V ~ 32 V
18 V
66 V
5 A
18 V
10 µA
10 pF
6 pF
VRS0603SR180150N
24 V ~ 32 V
18 V
66 V
3 A
18 V
10 µA
15 pF
10 pF
VRS0603SR180121N
24 V ~ 32 V
18 V
66 V
20 A
18 V
10 µA
120 pF
72 pF
VRS0603KR300121N
35.1 V ~ 42.9 V
30 V
86 V
20 A
30 V
35 µA
120 pF
72 pF
VRS0603KR310161N
35.1 V ~ 42.9 V
31 V
86 V
20 A
31 V
35 µA
160 pF
96 pF
Table 3 Size 0603
STANDARD TESTING CONDITION
1. Temperature: 15 °C to 35 °C
2. Humidity: 25% RH to 85% RH
3. Atmospheric pressure: 86 to 106 kPa


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn