Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRS0402SR55R121M Datasheet(PDF) 1 Page - YAGEO Corporation

Part # VRS0402SR55R121M
Description  SURFACE-MOUNT CERAMIC MULTILAYER CHIP VARISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

VRS0402SR55R121M Datasheet(HTML) 1 Page - YAGEO Corporation

  VRS0402SR55R121M Datasheet HTML 1Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 2Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 3Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 4Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 5Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 6Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 7Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 8Page - YAGEO Corporation VRS0402SR55R121M Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
DATA SHEET
SURFACE-MOUNT CERAMIC
MULTILAYER CHIP VARISTORS
VRS0402/0603
5.5 V TO 38 V
RoHS compliant & Halogen Free


Similar Part No. - VRS0402SR55R121M

ManufacturerPart #DatasheetDescription
logo
IET Labs Inc.
VRS-100 IET-VRS-100 Datasheet
213Kb / 2P
   High Resistance Standards
April 2019
VRS-100-10-1K-BP IET-VRS-100-10-1K-BP Datasheet
213Kb / 2P
   High Resistance Standards
April 2019
VRS-100-10-1K-ROT IET-VRS-100-10-1K-ROT Datasheet
213Kb / 2P
   High Resistance Standards
April 2019
VRS-100-11-1K-BP IET-VRS-100-11-1K-BP Datasheet
213Kb / 2P
   High Resistance Standards
April 2019
VRS-100-9-1K-BP IET-VRS-100-9-1K-BP Datasheet
213Kb / 2P
   High Resistance Standards
April 2019
More results

Similar Description - VRS0402SR55R121M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232257312583 VISHAY-232257312583 Datasheet
192Kb / 2P
   Surface Mount Multilayer Varistors
14-Jun-04
232257420403 VISHAY-232257420403 Datasheet
190Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
logo
Littelfuse
V3.5MLA0603N LITTELFUSE-V3.5MLA0603N Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V14MLA0805H LITTELFUSE-V14MLA0805H Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors
V0402MHS03N LITTELFUSE-V0402MHS03N Datasheet
221Kb / 5P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
23815741 VISHAY-23815741 Datasheet
130Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 15-Jun-05
logo
List of Unclassifed Man...
MLV0603ES005V0100NT ETC2-MLV0603ES005V0100NT Datasheet
151Kb / 6P
   Surface Mount Multilayer Varistors
logo
Littelfuse
V18MLE0402N LITTELFUSE-V18MLE0402N Datasheet
248Kb / 6P
   Surface Mount Multilayer Varistors
logo
Vishay Siliconix
232257320403 VISHAY-232257320403 Datasheet
189Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 14-Jun-04
23225741 VISHAY-23225741 Datasheet
207Kb / 2P
   Surface Mount Multilayer Varistors
Revision: 10-Oct-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com