Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VRS0402SR55R121K Datasheet(PDF) 8 Page - YAGEO Corporation

Part No. VRS0402SR55R121K
Description  SURFACE-MOUNT CERAMIC MULTILAYER CHIP VARISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

VRS0402SR55R121K Datasheet(HTML) 8 Page - YAGEO Corporation

Back Button VRS0402SR55R121K Datasheet HTML 2Page - YAGEO Corporation VRS0402SR55R121K Datasheet HTML 3Page - YAGEO Corporation VRS0402SR55R121K Datasheet HTML 4Page - YAGEO Corporation VRS0402SR55R121K Datasheet HTML 5Page - YAGEO Corporation VRS0402SR55R121K Datasheet HTML 6Page - YAGEO Corporation VRS0402SR55R121K Datasheet HTML 7Page - YAGEO Corporation VRS0402SR55R121K Datasheet HTML 8Page - YAGEO Corporation VRS0402SR55R121K Datasheet HTML 9Page - YAGEO Corporation VRS0402SR55R121K Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.yageo.com
Aug. 14, 2014 V.7
Surface-Mount Ceramic MULTILAYER CHIP VARISTORS
8
10
Product specification
VR
5.5 V to 38 V
0402 / 0603
Fig. 6 Vapour phase soldering
Typical values (solid line) Process limits (dotted lines)
Fig. 5 Double wave soldering
Typical values (solid line)
Process limits (dotted lines)
The capacitors may be soldered twice in accordance with this method if desired


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn