Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VRS0402SR55R121N Datasheet(PDF) 4 Page - YAGEO Corporation

Part No. VRS0402SR55R121N
Description  SURFACE-MOUNT CERAMIC MULTILAYER CHIP VARISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

VRS0402SR55R121N Datasheet(HTML) 4 Page - YAGEO Corporation

  VRS0402SR55R121N Datasheet HTML 1Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 2Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 3Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 4Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 5Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 6Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 7Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 8Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.yageo.com
Aug. 14, 2014 V.7
Surface-Mount Ceramic MULTILAYER CHIP VARISTORS
4
10
Product specification
VR
5.5 V to 38 V
0402 / 0603
ELECTRICAL CHARACTERISTICS
PART NUMBER
VARISTOR/
BREAKDOWN
VOL.
MAX. WORKING
VOL.
CLAMPING
VOL.@1A
PEAK
CURRENT
LEAKAGE CURRENT
R.T. (15~35 °C)
CAPACITANCE
@ 1V (RMS)
DC @1mA
D.C (max.) 8/20 µS (max.) 8/20 µS (max.)
Voltage
Current
1KHz
1MHz
VRS0402SR55R220N
10 V ~ 14 V
5.5 V
22 V
2 A
5.5 V
10 µA
22 pF
12 pF
VRS0402SR55R330N
10 V ~ 14 V
5.5 V
22 V
4 A
5.5 V
10 µA
33 pF
20 pF
VRS0402SR55R500N
10 V ~ 14 V
5.5 V
22 V
6 A
5.5 V
10 µA
50 pF
30 pF
VRS0402SR55R101N
10 V ~ 14 V
5.5 V
22 V
10 A
5.5 V
10 µA
100 pF
60 pF
VRS0402MR55R101N
7.2 V ~ 10.8 V
5.5 V
18 V
10 A
5.5 V
10 µA
100 pF
60 pF
VRS0402MR55R201N
7.2 V ~ 10.8 V
5.5 V
18 V
15 A
5.5 V
10 µA
200 pF 130 pF
VRS0402MR55R301N
7.2 V ~ 10.8 V
5.5 V
18 V
15 A
5.5 V
10 µA
300 pF
---
VRS0402MR55R361N
7.2 V ~ 10.8 V
5.5 V
18 V
20 A
5.5 V
10 µA
360 pF 220 pF
VRS0402MR55R481N
7.2 V ~ 10.8 V
5.5 V
18 V
20 A
5.5 V
10 µA
480 pF 290 pF
VRS0402MR55R651N
7.2 V ~ 10.8 V
5.5 V
18 V
30 A
5.5 V
10 µA
650 pF 390 pF
VRS0402KR090500N
10.8 V ~ 13.2 V
9 V
22 V
6 A
9 V
20 µA
50 pF
30 pF
VRS0402LR090500N
10.2 V ~ 13.8 V
9 V
22 V
6 A
9 V
20 µA
50 pF
30 pF
VRS0402LR090201N
10.2 V ~ 13.8 V
9 V
22 V
15 A
9 V
20 µA
200 pF 120 pF
VRS0402SR140500N
18 V ~ 24 V
14 V
38 V
7 A
14 V
20 µA
50 pF
30 pF
VRS0402SR140101N
18 V ~ 24 V
14 V
38 V
15 A
14 V
20 µA
100 pF
60 pF
VRS0402SR140121N
18 V ~ 24 V
14 V
38 V
15 A
14 V
20 µA
120 pF
72 pF
VRS0402MR140161N
14.4 V ~ 21.6 V
14 V
35 V
20 A
14 V
20 µA
160 pF
96 pF
VRS0402KR140161N
16.2 V ~ 19.8 V
14 V
33 V
20 A
14 V
20 µA
160 pF
96 pF
VRS0402SR180010N
90 V ~ 135 V
18 V
250 V
1 A
18 V
10 µA
---
1 pF
VRS0402SR180030N
50 V ~ 80 V
18 V
130 V
1 A
18 V
10 µA
3 pF
2 pF
VRS0402SR180050N
50 V ~ 80 V
18 V
130 V
2 A
18 V
10 µA
5 pF
3 pF
VRS0402SR180100N
24 V ~ 34 V
18 V
66 V
3 A
18 V
10 µA
10 pF
5.5 pF
VRS0402SR180150N
24 V ~ 34 V
18 V
66 V
3 A
18 V
10 µA
15 pF
9 pF
VRS0402SR180220N
24 V ~ 34 V
18 V
66 V
3 A
18 V
10 µA
22 pF
13 pF
VRS0402SR180270N
24 V ~ 34 V
18 V
66 V
4 A
18 V
10 µA
27 pF
15 pF
VRS0402SR180400N
24 V ~ 34 V
18 V
66 V
4 A
18 V
10 µA
40 pF
22 pF
VRS0402SR180500N
24 V ~ 34 V
18 V
66 V
4 A
18 V
10 µA
50 pF
30 pF
VRS0402KR180820N
21.6 V ~ 26.4 V
18 V
56 V
10 A
18 V
35 µA
82 pF
50 pF
VRS0402SR180121N
24 V ~ 34 V
18 V
66 V
15 A
18 V
10 µA
120 pF
72 pF
VRS0402SR190500N
27 V ~ 38 V
19 V
60 V
15 A
19 V
4 µA
50 pF
---
VRS0402SR300030N
50 V ~ 80 V
30 V
130 V
1 A
18 V
10 µA
3 pF
---
Table 2 Size 0402


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn