Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VRS0402SR55R121N Datasheet(PDF) 2 Page - YAGEO Corporation

Part No. VRS0402SR55R121N
Description  SURFACE-MOUNT CERAMIC MULTILAYER CHIP VARISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YAGEO [YAGEO Corporation]
Homepage  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

VRS0402SR55R121N Datasheet(HTML) 2 Page - YAGEO Corporation

  VRS0402SR55R121N Datasheet HTML 1Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 2Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 3Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 4Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 5Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 6Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 7Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 8Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.yageo.com
Aug. 14, 2014 V.7
Surface-Mount Ceramic MULTILAYER CHIP VARISTORS
2
10
Product specification
VR
5.5 V to 38 V
0402 / 0603
SCOPE
This specification describes chip
varistors with lead-free terminations.
APPLICATIONS
Consumer electronic
equipment
Telecommunications
Notebook
Electronic data processing
FEATURES
Excellent clamping voltage
Excellent energy dissipation
capability
Quick response time (<1n sec.)
Adjustable capacitance values
High reliability
High transient current capability
Symmetrical voltage-current
characteristics
ORDERING INFORMATION- GLOBAL PART NUMBER, PHYCOMP
CTC & 12NC
All part numbers are identified by the series, size, tolerance, TC material,
packing style, voltage, process code, termination and capacitance value.
Y
YA
AG
GE
EO
O B
BR
RA
AN
ND
D o
orrd
deerriin
ngg cco
od
dee
GLOBAL PART NUMBER (PREFERRED)
VRS XXXX X R XXX XXX X
(1)
(2)
(3)
(4)
(5)
(1) SIZE – INCH BASED (METRIC)
0402 (1005)
0603 (1608)
(2) TOLERANCE
K = ± 10%
L = ± 15%
M = ± 20%
S = Normal range
(3) WORKING VOLTAGE
2 significant digits+number of zeros
The 3rd digit signifies the multiplying factor, and letter R is decimal point
Example: 55R = 55 x 10-1 = 5.5 V, 380 = 38 x 101 = 38 V
(4) CAPACITANCE VALUE
2 significant digits+number of zeros The 3rd digit signifies the multiplying factor, and
letter R is decimal point
Example: 121 = 12 x 101 = 120 pF
(5) PROCESS CODE
N = Cap. ±30%
K = Cap. ±10%
L = Cap. ±15%
M = Cap. ±20%


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn