Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VRS0402SR55R121N Datasheet(PDF) 10 Page - YAGEO Corporation

Part No. VRS0402SR55R121N
Description  SURFACE-MOUNT CERAMIC MULTILAYER CHIP VARISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  YAGEO [YAGEO Corporation]
Homepage  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

VRS0402SR55R121N Datasheet(HTML) 10 Page - YAGEO Corporation

Back Button VRS0402SR55R121N Datasheet HTML 2Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 3Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 4Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 5Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 6Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 7Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 8Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 9Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.yageo.com
Aug. 14, 2014 V.7
Surface-Mount Ceramic MULTILAYER CHIP VARISTORS
10
10
Product specification
VR
5.5 V to 38 V
0402 / 0603
REVISION HISTORY
REVISION DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 7
Aug. 14, 2014 -
- VRS0402SR180220N added
- Product range update
- Process code update
- VRS0402SR180100S, VRS0402SR180100E deleted
Version 6
May 16, 2013
-
- VRS0402SR190500N added
Version 5
Jan 03, 2012
-
- Product range updated
- Leakage current updated
- Working voltage updated
Version 4
Oct 19, 2011
-
- Product range and dimension updated
Version 3
Aug 05, 2011
-
- Product range updated
Version 2
Dec 02, 2010
-
- Dimension updated
- Leakage current updated
- VRS0805KR260251N added
Version 1
Jul 22, 2010
-
- Dimension updated
Version 0
Jun 08, 2010
-
- New


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn