Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VRS0402SR55R121N Datasheet(PDF) 9 Page - YAGEO Corporation

Part No. VRS0402SR55R121N
Description  SURFACE-MOUNT CERAMIC MULTILAYER CHIP VARISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

VRS0402SR55R121N Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button VRS0402SR55R121N Datasheet HTML 2Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 3Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 4Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 5Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 6Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 7Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 8Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 9Page - YAGEO Corporation VRS0402SR55R121N Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
www.yageo.com
Aug. 14, 2014 V.7
Surface-Mount Ceramic MULTILAYER CHIP VARISTORS
9
10
Product specification
VR
5.5 V to 38 V
0402 / 0603
TESTS AND REQUIREMENTS
Table 5 Test procedures and requirements
TEST
TEST METHOD
PROCEDURE
REQUIREMENTS
Capacitance
CECC4200
4.6
IEC1051
4.7
f = 1 KHz / 1 MHz
Measuring voltage 1 Vrms at 25 °C
> 5 pF: ± 30% at 1KHz
3 pF to 5 pF: +80% / -20% at 1KHz
< 3 pF: +80% / -20% at 1MHz
Bond Strength
of Plating on
End Face
4.9
4.10
To be soldered on the glass-epoxy
(thickness 1.6 mm), the load shall be put on
the board bends 1 mm
No visible damage
Solderability
4.10
4.11
Unmounted chips completely immersed for
2 ± 0.5 seconds (dipping time) in a solder
bath at 235 ± 2 °C
The termination should be well tinned
Resistance to
Soldering Heat
4.10.2
4.12
Solder bath temperature: 260 ± 5 °C
Dipping time: 10 ± 0.5 seconds
|  V1mA / V1mA | <10%
Rapid Change
of Temperature
4.12
4.13
5 cycles with following detail
30 minutes at -40°C
30 minutes at +85 °C
|  V1mA / V1mA | <10%
Damp Heat
with Ur Load
4.17
4.18
Duration and conditions:
500 ± 12 hours at 40 ± 2 °C
90 to 95% RH; Ur applied
|  V1mA / V1mA | <10%
Endurance
4.19
4.20
Duration and conditions:
500 ± 12 hours at 85 °C; Ur applied
|  V1mA / V1mA | <10%
Endurance at
Upper
Category
Temperature
4.20
4.20
Duration and conditions:
1,000 ± 12 hours at 85 °C
|  V1mA / V1mA | <10%
Adhesion
IEC 60384-1
4.34
A force of 2N applied for 10 seconds to the
line joining the terminations and in a plane
parallel to the substrate
No visible damage
Cold
Temperature
Storage
4.25
Duration and conditions
1,000 ± 12 hours at -40 ± 2 °C
|  V1mA / V1mA | <10%


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn