Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL30101 Datasheet(PDF) 23 Page - Zarlink Semiconductor Inc

Part # ZL30101
Description  T1/E1 Stratum 3 System Synchronizer
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL30101 Datasheet(HTML) 23 Page - Zarlink Semiconductor Inc

Back Button ZL30101 Datasheet HTML 19Page - Zarlink Semiconductor Inc ZL30101 Datasheet HTML 20Page - Zarlink Semiconductor Inc ZL30101 Datasheet HTML 21Page - Zarlink Semiconductor Inc ZL30101 Datasheet HTML 22Page - Zarlink Semiconductor Inc ZL30101 Datasheet HTML 23Page - Zarlink Semiconductor Inc ZL30101 Datasheet HTML 24Page - Zarlink Semiconductor Inc ZL30101 Datasheet HTML 25Page - Zarlink Semiconductor Inc ZL30101 Datasheet HTML 26Page - Zarlink Semiconductor Inc ZL30101 Datasheet HTML 27Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
ZL30101
Data Sheet
23
Zarlink Semiconductor Inc.
6.2
Master Clock
The ZL30101 can use either a clock or crystal as the master timing source. Zarlink application note ZLAN-68 lists a
number of applicable oscillators and crystals that can be used with the ZL30101.
6.2.1
Clock Oscillator
When selecting a clock oscillator, numerous parameters must be considered. This includes absolute frequency,
frequency change over temperature, phase noise, output rise and fall times, output levels and duty cycle.
The output clock should be connected directly (not AC coupled) to the OSCi input of the ZL30101, and the OSCo
output should be left open as shown in Figure 12.
Figure 12 - Clock Oscillator Circuit
6.2.2
Crystal Oscillator
Alternatively, a crystal oscillator may be used. A complete oscillator circuit made up of a crystal, resistor and
capacitors is shown in Figure 13. The Telcordia GR1244-CORE Stratum 3 requirements for holdover stability and
freerun accuracy may not be met with this crystal oscillator circuit.
The accuracy of a crystal oscillator depends on the crystal tolerance as well as the load capacitance tolerance.
Typically, for a 20 MHz crystal specified with a 32 pF load capacitance, each 1 pF change in load capacitance
contributes approximately 9 ppm to the frequency deviation. Consequently, capacitor tolerances and stray
capacitances have a major effect on the accuracy of the oscillator frequency.
The crystal should be a fundamental mode type - not an overtone. The fundamental mode crystal permits a simpler
oscillator circuit with no additional filter components and is less likely to generate spurious responses. A typical
crystal oscillator specification and circuit is shown in Table 6 and Figure 13 respectively.
1
Frequency
20 MHz
2
Tolerance
4.6 ppm
3
Rise & fall time
< 10 ns
4
Duty cycle
40% to 60%
Table 5 - Typical Clock Oscillator Specification
+3.3 V
20 MHz OUT
GND
0.1 µF
+3.3 V
OSCo
ZL30101
OSCi
No Connection


Similar Part No. - ZL30101

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30101QDC ZARLINK-ZL30101QDC Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30101QDG1 ZARLINK-ZL30101QDG1 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
More results

Similar Description - ZL30101

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30409 ZARLINK-ZL30409 Datasheet
483Kb / 32P
   T1/E1 System Synchronizer with Stratum 3 Holdover
ZL30409 ZARLINK-ZL30409_06 Datasheet
412Kb / 32P
   T1/E1 System Synchronizer with Stratum 3 Holdover
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
   T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
logo
List of Unclassifed Man...
PT7A4410 ETC1-PT7A4410 Datasheet
291Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Mitel Networks Corporat...
MT9044 MITEL-MT9044 Datasheet
120Kb / 30P
   T1/E1/OC3 System Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com