Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ24A Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SMBJ24A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMBJ24A Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMBJ24A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMBJ24A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMBJ24A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMBJ24A Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
Ratings at 25oC ambient temperature unless otherwise specified. V
F=3.5V at IF=50A (uni-directional only)
e
p
y
T
e
c
i
v
e
D
g
n
i
k
r
a
m
e
c
i
v
e
D
e
d
o
c
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
e
g
r
u
s
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
I
N
UI
B.
n
i
M.
x
a
M
0
.
5
J
B
M
SD
KD
A0
4
.
62
8
.
70
10
.
50
0
85
.
2
66
.
9
A
0
.
5
J
B
M
S
)
5
(
E
KE
A0
4
.
67
0
.
70
10
.
50
0
82
.
5
62
.
9
0
.
6
J
B
M
SF
KF
A7
6
.
65
1
.
80
10
.
60
0
86
.
2
54
.
1
1
A
0
.
6
J
B
M
SG
KG
A7
6
.
67
3
.
70
10
.
60
0
83
.
8
53
.
0
1
5
.
6
J
B
M
SH
KH
A2
2
.
72
8
.
80
15
.
60
0
58
.
8
43
.
2
1
A
5
.
6
J
B
M
SK
KK
A2
2
.
78
9
.
70
15
.
60
0
56
.
3
52
.
1
1
0
.
7
J
B
M
SL
KL
A8
7
.
71
5
.
90
10
.
70
0
21
.
5
43
.
3
1
A
0
.
7
J
B
M
SM
KM
A8
7
.
70
6
.
80
10
.
70
0
20
.
0
50
.
2
1
5
.
7
J
B
M
SN
KN
A3
3
.
82
.
0
10
.
15
.
70
0
10
.
2
43
.
4
1
A
5
.
7
J
B
M
SP
KP
A3
3
.
81
2
.
90
.
15
.
70
0
15
.
6
49
.
2
1
0
.
8
J
B
M
SQ
KQ
A9
8
.
89
.
0
10
.
10
.
80
50
.
0
40
.
5
1
A
0
.
8
J
B
M
SR
KR
A9
8
.
83
8
.
90
.
10
.
80
51
.
4
46
.
3
1
5
.
8
J
B
M
SS
KS
A4
4
.
95
.
1
10
.
15
.
80
27
.
7
39
.
5
1
A
5
.
8
J
B
M
ST
KT
A4
4
.
94
.
0
10
.
15
.
80
27
.
1
44
.
4
1
0
.
9
J
B
M
SU
KU
A0
.
0
12
.
2
10
.
10
.
90
15
.
5
39
.
6
1
A
0
.
9
J
B
M
SV
KV
A0
.
0
11
.
1
10
.
10
.
90
10
.
9
34
.
5
1
0
1
J
B
M
SW
KW
A1
.
1
16
.
3
10
.
10
10
.
59
.
1
38
.
8
1
A
0
1
J
B
M
SX
KX
A1
.
1
13
.
2
10
.
10
10
.
53
.
5
30
.
7
1
1
1
J
B
M
SY
KY
A2
.
2
19
.
4
10
.
11
10
.
59
.
9
21
.
0
2
A
1
1
J
B
M
SZ
KZ
A2
.
2
15
.
3
10
.
11
10
.
50
.
3
32
.
8
1
2
1
J
B
M
SD
LD
B3
.
3
13
.
6
10
.
12
10
.
53
.
7
20
.
2
2
A
2
1
J
B
M
SE
LE
B3
.
3
17
.
4
10
.
12
10
.
52
.
0
39
.
9
1
3
1
J
B
M
SF
LF
B4
.
4
16
.
7
10
.
13
10
.
12
.
5
28
.
3
2
A
3
1
J
B
M
SG
LG
B4
.
4
19
.
5
10
.
13
10
.
19
.
7
25
.
1
2
4
1
J
B
M
SH
LH
B6
.
5
11
.
9
10
.
14
10
.
13
.
3
28
.
5
2
A
4
1
J
B
M
SK
LK
B6
.
5
12
.
7
10
.
14
10
.
19
.
5
22
.
3
2
5
1
J
B
M
SL
LL
B7
.
6
14
.
0
20
.
15
10
.
13
.
2
29
.
6
2
A
5
1
J
B
M
SM
LM
B7
.
6
15
.
8
10
.
15
10
.
16
.
4
24
.
4
2
6
1
J
B
M
SN
LN
B8
.
7
18
.
1
20
.
16
10
.
18
.
0
28
.
8
2
A
6
1
J
B
M
SP
LP
B8
.
7
17
.
9
10
.
16
10
.
11
.
3
20
.
6
2
7
1
J
B
M
SQ
LQ
B9
.
8
11
.
3
20
.
17
10
.
17
.
9
15
.
0
3
A
7
1
J
B
M
SR
LR
B9
.
8
19
.
0
20
.
17
10
.
17
.
1
26
.
7
2
8
1
J
B
M
SS
LS
B0
.
0
24
.
4
20
.
18
10
.
16
.
8
12
.
2
3
A
8
1
J
B
M
ST
LT
B0
.
0
21
.
2
20
.
18
10
.
15
.
0
22
.
9
2
0
2
J
B
M
SU
LU
B2
.
2
21
.
7
20
.
10
20
.
18
.
6
18
.
5
3
A
0
2
J
B
M
SV
LV
B2
.
2
25
.
4
20
.
10
20
.
15
.
8
14
.
2
3
2
2
J
B
M
SW
LW
B4
.
4
28
.
9
20
.
12
20
.
12
.
5
14
.
9
3
A
2
2
J
B
M
SX
LX
B4
.
4
29
.
6
20
.
12
20
.
19
.
6
15
.
5
3
4
2
J
B
M
SY
LY
B7
.
6
26
.
2
30
.
14
20
.
10
.
4
10
.
3
4
A
4
2
J
B
M
SZ
LZ
B7
.
6
25
.
9
20
.
14
20
.
14
.
5
19
.
8
3
6
2
J
B
M
SD
MD
C9
.
8
23
.
5
30
.
16
20
.
19
.
2
16
.
6
4
A
6
2
J
B
M
SE
ME
C9
.
8
29
.
1
30
.
16
20
.
13
.
4
11
.
2
4
8
2
J
B
M
SF
MF
C1
.
1
30
.
8
30
.
18
20
.
10
.
2
10
.
0
5
A
8
2
J
B
M
SG
MG
C1
.
1
34
.
4
30
.
18
20
.
12
.
3
14
.
5
4
0
3
J
B
M
SH
MH
C3
.
3
37
.
0
40
.
10
30
.
12
.
1
15
.
3
5
A
0
3
J
B
M
SK
MK
C3
.
3
38
.
6
30
.
10
30
.
14
.
2
14
.
8
4
Notes:
1. V
(BR) measured after IT applied for 300us square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bi-directional types having V
WM of 10 Volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For the bidirectional SMBJ5.0CA, the maximum V
(BR) is 7.25V.
www.shunyegroup.com.cn


Similar Part No. - SMBJ24A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ24A LITTELFUSE-SMBJ24A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Vishay Siliconix
SMBJ24A VISHAY-SMBJ24A Datasheet
95Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-12
logo
HuaXinAn Electronics CO...
SMBJ24A HUAXINAN-SMBJ24A Datasheet
450Kb / 6P
   Transient Voltage Suppressors
logo
Jinan Gude Electronic D...
SMBJ24A JGD-SMBJ24A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ24A SOCAY-SMBJ24A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMBJ24A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com