Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ85A Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SMAJ85A
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

SMAJ85A Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMAJ85A Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ85A Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ85A Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
100
10
1.0
0.1
MOUNTED ON5.0mm 2
COPPER LAND AREAS
NON-REPETITIVE
PULSE WAVEFORM
SHOWNINFIGURE 3
TA = 25
td, PULSE WIDTH, SEC
100
75
50
25
0
0
25
50
75
100
125
150
175
200
TA, AMBIENT TEMPERATURE,
Fig. 1-PEAK PULSE POWER RATING CURVE
Fig. 2-PULSE RATING CURVE
150
100
50
0
0
1.0
2.0
3.0
4.0
TA = 25
Pulse Width(td) is Defined as the
Point Where the Peak Current
Decays to 50% of lpp
PeakValueIppm
Half Value- Ipp
2
10/1000
sec Waveform
as Defined by R.E.A.
e-kt
td
tf = 10
sec
t, TIME , ms
10,000
40,000
20,000
1,000
6,000
4,000
2,000
100
500
200
10
1.0
2.0
5.0
10
20
50
100 200
MEASUREDAT
STAND-OFF
VOLTAGE(VMW)
TJ = 25
f= 1.0MHz
Vsig = 50mVp-p
MEASURED AT
ZERO BIAS
V(BR),BREAKDOWN VOLTAGE, VOLTS
Fig. 3-PULSE WAVEFORM
Fig. 4-TYPICAL JUNCTION CAPACITANCE
50
40
30
20
10
14
10 20
40
100
0
T
J =TJ max
8.3mss SINGLE HALF
SINCE-WAVE JEDEC
METHOD
NUMBER OF CYCLES AT 60Hz
Fig. 5-MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
SMAJ5.0 thru SMAJ
440CA
°C
°C
°C
°C
0.1us
1.0 us
10 us
100 us
1.0ms
10ms
www.shunyegroup.com.cn


Similar Part No. - SMAJ85A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMAJ85A LUGUANG-SMAJ85A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
Chongqing Pingwei Enter...
SMAJ85A CHONGQING-SMAJ85A Datasheet
244Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
First Silicon Co., Ltd
SMAJ85A FS-SMAJ85A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ85A JGD-SMAJ85A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ85A SOCAY-SMAJ85A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ85A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com