Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XRD98L63AIV Datasheet(PDF) 7 Page - Exar Corporation

Part # XRD98L63AIV
Description  CCD Image Digitizers with CDS, PGA and 12-Bit A/D
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRD98L63AIV Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRD98L63AIV Datasheet HTML 3Page - Exar Corporation XRD98L63AIV Datasheet HTML 4Page - Exar Corporation XRD98L63AIV Datasheet HTML 5Page - Exar Corporation XRD98L63AIV Datasheet HTML 6Page - Exar Corporation XRD98L63AIV Datasheet HTML 7Page - Exar Corporation XRD98L63AIV Datasheet HTML 8Page - Exar Corporation XRD98L63AIV Datasheet HTML 9Page - Exar Corporation XRD98L63AIV Datasheet HTML 10Page - Exar Corporation XRD98L63AIV Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
7
Rev.1.01
XRD98L63
Figure 3. Definition of terms for V
Out of the CCD waveform:
CDSV
IN = (VBlack - VVideo)
ABSOLUTE MAXIMUM RATINGS (TA = +25°C unless otherwise noted)
1, 2, 3
VDD to GND
+6.6V
VRT & VRB
VDD +0.5 to GND -0.5V
VIN
VDD +0.5 to GND -0.5V
All Inputs
VDD +0.5 to GND -0.5V
All Outputs
VDD +0.5 to GND -0.5V
Storage Temperature
-65°C to 150°C
Lead Temperature (Soldering 10 seconds)
300°C
Maximum Junction Temperature
150°C
Package Pow erD issipation R atings (TA= +70°C)
TQFP
θ
JA = 105°C/W
ESD
2000V
Notes:
1
Stresses above those listed as “Absolute Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation at or above this specification is not implied. Exposure to maximum
rating conditions for extended periods may affect device reliability.
2
Any input pin which can see a value outside the absolute maximum ratings should be protected by Schottky diode
clamps from input pin to the supplies. All inputs have protection diodes which will protect the device from short
transients outside the supplies of less than 100mA for less than 100µs.
3
VDD refers to AVDD, OVDD and DVDD. GND refers to AGND, OGND and DGND.
CCD
Waveform
V
Dark
V
Video
V
Black
V
Black
OB Pixel
Active Pixels


Similar Part No. - XRD98L63AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61AIV EXAR-XRD98L61AIV Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61AIV EXAR-XRD98L61AIV Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
More results

Similar Description - XRD98L63AIV

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRD98L61 EXAR-XRD98L61 Datasheet
406Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L61 EXAR-XRD98L61_01 Datasheet
396Kb / 38P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD98L62 EXAR-XRD98L62 Datasheet
276Kb / 37P
   CCD Image Digitizers with CDS, PGA and 12-Bit A/D
XRD4460 EXAR-XRD4460 Datasheet
1Mb / 23P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD98L59 EXAR-XRD98L59 Datasheet
349Kb / 37P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD98L56 EXAR-XRD98L56 Datasheet
685Kb / 35P
   CCD Image Digitizers with CDS, PGA and 10-Bit A/D
XRD4460A EXAR-XRD4460A Datasheet
1Mb / 22P
   CCD IMAGE DIGITIZERS WITH CDS, PGA, AND 10-BIT A/D
XRD9853 EXAR-XRD9853 Datasheet
1Mb / 28P
   CCD Image Digitizers with CDS,PGA,and 10-bit A/D
logo
Renesas Technology Corp
HD49338NP RENESAS-HD49338NP_15 Datasheet
294Kb / 25P
   CDS/PGA & 12-bit A/D Converter
HD49330AF RENESAS-HD49330AF_15 Datasheet
247Kb / 22P
   CDS/PGA & 12-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com