Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSAC16CS Datasheet(PDF) 4 Page - Rohm

Part # RSAC16CS
Description  Ultra Low Capacitance ESD Protection Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RSAC16CS Datasheet(HTML) 4 Page - Rohm

  RSAC16CS_14 Datasheet HTML 1Page - Rohm RSAC16CS_14 Datasheet HTML 2Page - Rohm RSAC16CS_14 Datasheet HTML 3Page - Rohm RSAC16CS_14 Datasheet HTML 4Page - Rohm RSAC16CS_14 Datasheet HTML 5Page - Rohm RSAC16CS_14 Datasheet HTML 6Page - Rohm RSAC16CS_14 Datasheet HTML 7Page - Rohm RSAC16CS_14 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Data Sheet
RSAC16CS
lElectrical characteristic curves
0
5
10
15
20
25
30
No break at 30kV
AVE. : 0.98kV
ESD DISPERSION MAP
C=100pF
R=1.5k
W
C=200pF
R=0
W
C=150pF
R=330
W
4/4
2014.11 - Rev.B


Similar Part No. - RSAC16CS_14

ManufacturerPart #DatasheetDescription
logo
Rohm
RSAC16CS ROHM-RSAC16CS Datasheet
1Mb / 4P
   Ultra Low Capacitance ESD Protection Diode
More results

Similar Description - RSAC16CS_14

ManufacturerPart #DatasheetDescription
logo
Rohm
RSAC16CS ROHM-RSAC16CS Datasheet
1Mb / 4P
   Ultra Low Capacitance ESD Protection Diode
RSAC18CS ROHM-RSAC18CS Datasheet
1Mb / 4P
   Ultra Low Capacitance ESD Protection Diode
logo
Rectron Semiconductor
ESD0501LD RECTRON-ESD0501LD Datasheet
242Kb / 4P
   Ultra Low Capacitance ESD Protection Diode
ESD3Z3V3D RECTRON-ESD3Z3V3D Datasheet
291Kb / 5P
   Ultra Low Capacitance ESD Protection Diode
ESD3Z5.0D RECTRON-ESD3Z5.0D Datasheet
300Kb / 5P
   Ultra Low Capacitance ESD Protection Diode
ESD05D6DV RECTRON-ESD05D6DV Datasheet
227Kb / 5P
   Ultra Low Capacitance ESD Protection Diode
ESD0501LDV RECTRON-ESD0501LDV Datasheet
244Kb / 4P
   Ultra Low Capacitance ESD Protection Diode
ESD0301DV RECTRON-ESD0301DV Datasheet
247Kb / 4P
   Ultra Low Capacitance ESD Protection Diode
ESD5Z3.3D RECTRON-ESD5Z3.3D Datasheet
235Kb / 4P
   Ultra Low Capacitance ESD Protection Diode
logo
Nexperia B.V. All right...
PESD5V0U1UT-Q NEXPERIA-PESD5V0U1UT-Q Datasheet
244Kb / 12P
   Ultra low capacitance ESD protection diode
16 November 2022
logo
Rohm
RSD6.8JS2 ROHM-RSD6.8JS2 Datasheet
1Mb / 4P
   Ultra Low Capacitance ESD Protection Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com