Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BP356 Datasheet(PDF) 1 Page - Shunye Enterprise

Part No. BP356
Description  PRESS-FIT BOSCH DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHUNYE [Shunye Enterprise]
Homepage  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise

BP356 Datasheet(HTML) 1 Page - Shunye Enterprise

  BP356 Datasheet HTML 1Page - Shunye Enterprise BP356 Datasheet HTML 2Page - Shunye Enterprise  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP352-BP356
35 A, 200 to 600 V
PRESS-FIT BOSCH DIODES
Features
* High surge capability
* Low Leakage
* Low Forward Voltage Drop
* High Current Capability
* Hermetic Press-fit Package
Polarities Identification
BP352P: P-Positive
Sealed With White or Brown Color Epoxy
BP352N: N-Negative
Sealed With Black or Blue Color Epoxy
BPxx: Bosch Style
BP CASE
Maximum Ratings and Electrical Characteristics
Ratings At 25℃ Ambient Temperature Unless Otherwise Specified.Single-Phase, Half-Wave, 60Hz , Resistive Or
Inductive Load
Characteristics
Symbol
BP352
BP354
BP356
Unit
Maximum recurrent Reverse Voltage
VRRM
200
400
600
Volts
Maximum RMS Voltage
VRMS
140
280
420
Volts
Maximum DC Blocking Voltage(TA=25oC)
VDC
200
400
600
Volts
Maximum Average Forward Rectified Current @ TL=125℃
Io
35
Amps
Non- Repetitive Peak Surge Current
Surge Supplied at Rated Load Conditions
(8.3ms Single half Sine-wave on (JEDEC Method) TL=25℃
IFSM
400
Amps
Maximum Instantaneous Forward Voltage
(IF=80 Amps , Tc=25℃)
VF
1.15
Volts
Maximum DC Reverse Current TA=25℃
at Rated DC Blocking Voltage TA=100℃
IR
5
500
μA
Operating Junction and Storage Temperature Range
TJ,
TSTG
-55 to +150
Forward Voltage Temperature Coefficient @ IF=10mA
VFTS
2
mV/℃
Operating And Storage Temperature Range
TJ,TSTG
-55 to +150
A =
ψ13.0 ± 0.2mm
B =
ψ12.75 ~ 12.84mm
C =
ψ11.9±0.1 mm
D = 29mm Min
E = 8.5±0.5 .0mm
F = 4.5
± 0.2mm
LEAD =
ψ1.28mm
www.shunyegroup.com.cn
sales@shunyegroup.com.cn


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn