Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F100S8I Datasheet(PDF) 10 Page - Xicor Inc.

Part # X76F100S8I
Description  1K 128 x 8 Bit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F100S8I Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X76F100S8I Datasheet HTML 6Page - Xicor Inc. X76F100S8I Datasheet HTML 7Page - Xicor Inc. X76F100S8I Datasheet HTML 8Page - Xicor Inc. X76F100S8I Datasheet HTML 9Page - Xicor Inc. X76F100S8I Datasheet HTML 10Page - Xicor Inc. X76F100S8I Datasheet HTML 11Page - Xicor Inc. X76F100S8I Datasheet HTML 12Page - Xicor Inc. X76F100S8I Datasheet HTML 13Page - Xicor Inc. X76F100S8I Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
X76F100
Characteristics subject to change without notice.
10 of 16
REV 1.0 6/22/00
www.xicor.com
Nonvolatile Write Cycle Timing
Note:
(1) tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle.
It is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
Bus Timing
Write Cycle Timing
CS Timing Diagram (Selecting/Deselecting the Part)
Symbol
Parameter
Min.
Typ.(1)
Max.
Unit
tWC
(1)
Write Cycle Time
5
10
ms
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
tLOW
tSU:STO
tR
tBUF
SCL
SDA IN
SDA OUT
tDH
tAA
tF
tHIGH
SCL
SDA
tWC
8th Bit of Last Byte
ACK
Stop Condition
Start Condition
tSU:CS
tHD:CS
SCL
CS from
Master


Similar Part No. - X76F100S8I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
logo
Xicor Inc.
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101H ICMIC-X76F101H Datasheet
371Kb / 17P
   Secure SerialFlash
X76F101H-3.0 ICMIC-X76F101H-3.0 Datasheet
371Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F100S8I

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
logo
Mitsubishi Electric Sem...
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
   128 x 8-BIT x 2 MAIL-BOX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com