Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F100P Datasheet(PDF) 5 Page - Xicor Inc.

Part # X76F100P
Description  1K 128 x 8 Bit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F100P Datasheet(HTML) 5 Page - Xicor Inc.

  X76F100P Datasheet HTML 1Page - Xicor Inc. X76F100P Datasheet HTML 2Page - Xicor Inc. X76F100P Datasheet HTML 3Page - Xicor Inc. X76F100P Datasheet HTML 4Page - Xicor Inc. X76F100P Datasheet HTML 5Page - Xicor Inc. X76F100P Datasheet HTML 6Page - Xicor Inc. X76F100P Datasheet HTML 7Page - Xicor Inc. X76F100P Datasheet HTML 8Page - Xicor Inc. X76F100P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
X76F100
Characteristics subject to change without notice.
5 of 16
REV 1.0 6/22/00
www.xicor.com
Data ACK Polling Sequence
After the password sequence, there is always a nonvol-
atile write cycle. This is done to discourage random
guesses of the password if the device is being tam-
pered with. In order to continue the transaction, the
X76F100 requires the master to perform a password
ACK polling sequence with the specific command code
of 55h. As with regular Acknowledge polling the user
can either time out for 10ms, and then issue the ACK
polling once, or continuously loop as described in the
flow.
If the password that was inserted was correct, then an
“ACK” will be returned once the nonvolatile cycle in
response to the password ACK polling sequence is
over.
If the password that was inserted was incorrect, then a
“no ACK” will be returned even if the nonvolatile cycle is
over. Therefore, the user cannot be certain that the
password is incorrect until the 10ms write cycle time
has elapsed.
Password ACK Polling Sequence
READ OPERATIONS
Read operations are initiated in the same manner as
write operations but with a different command code.
Sector Read
With sector read, a sector address is supplied with the
read command. Once the password has been acknowl-
edged data may be read from the sector. An acknowl-
edge must follow each 8-bit data transfer. A read
operation always begins at the first byte in the sector,
but may stop at any time. Random accesses to the
array are not possible. Continuous reading from the
array will return data from successive sectors. After
reading the last sector in the array, the address is auto-
matically set to the first sector in the array and data can
continue to be read out. After the last bit has been
read, a stop condition is generated without sending a
preceding acknowledge.
ACK
returned?
Issue New
Command Code
Write Sequence
Completed
Enter ACK Polling
Issue START
NO
YES
PROCEED
ACK
returned?
Issue Password
ACK Command
Password Load
Completed
Enter ACK Polling
Issue START
NO
YES
PROCEED


Similar Part No. - X76F100P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
logo
Xicor Inc.
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101H ICMIC-X76F101H Datasheet
371Kb / 17P
   Secure SerialFlash
X76F101H-3.0 ICMIC-X76F101H-3.0 Datasheet
371Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F100P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
logo
Mitsubishi Electric Sem...
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
   128 x 8-BIT x 2 MAIL-BOX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com