Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X76F100P Datasheet(PDF) 2 Page - Xicor Inc.

Part # X76F100P
Description  1K 128 x 8 Bit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X76F100P Datasheet(HTML) 2 Page - Xicor Inc.

  X76F100P Datasheet HTML 1Page - Xicor Inc. X76F100P Datasheet HTML 2Page - Xicor Inc. X76F100P Datasheet HTML 3Page - Xicor Inc. X76F100P Datasheet HTML 4Page - Xicor Inc. X76F100P Datasheet HTML 5Page - Xicor Inc. X76F100P Datasheet HTML 6Page - Xicor Inc. X76F100P Datasheet HTML 7Page - Xicor Inc. X76F100P Datasheet HTML 8Page - Xicor Inc. X76F100P Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
X76F100
Characteristics subject to change without notice.
2 of 16
REV 1.0 6/22/00
www.xicor.com
PIN DESCRIPTIONS
Serial Clock (SCL)
The SCL input is used to clock all data into and out of
the device.
Serial Data (SDA)
SDA is an open drain serial data input/output pin. Dur-
ing a read cycle, data is shifted out on this pin. During
a write cycle, data is shifted in on this pin. In all other
cases, this pin is in a high impedance state.
Chip Select (CS)
When CS is high, the X76F100 is deselected and the
SDA pin is at high impedance and unless an internal
write operation is underway, the X76F100 will be in
standby mode. CS low enables the X76F100, placing it
in the active mode.
Reset (RST)
RST is a device reset pin. When RST is pulsed high
while CS is low the X76F100 will output 32 bits of fixed
data which conforms to the standard for “synchronous
response to reset”. CS must remain LOW and the part
must not be in a write cycle for the response to reset to
occur. See Figure 7. If at any time during the response
to reset CS goes HIGH, the response to reset will be
aborted and the part will return to the standby state.
The response to reset is “mask programmable” only!
DEVICE OPERATION
The X76F100 memory array consists of fourteen
8-byte sectors. Read or write access to the array
always begins at the first address of the sector. Read
operations then can continue indefinitely. Write opera-
tions must total 8-bytes.
There are two primary modes of operation for the
X76F100; Protected READ and protected WRITE. Pro-
tected operations must be performed with one of two 8-
byte passwords.
The basic method of communication for the device is
established by first enabling the device (CS LOW),
generating a start condition, then transmitting a com-
mand, followed by the correct password. All parts will
be shipped from the factory with all passwords equal to
‘0’. The user must perform ACK Polling to determine
the validity of the password, before starting a data
transfer (see Acknowledge Polling.) Only after the cor-
rect password is accepted and a ACK polling has been
performed, can the data transfer occur.
To ensure the correct communication, RST must
remain LOW under all conditions except when running
a “Response to Reset sequence”.
Data is transferred in 8-bit segments, with each trans-
fer being followed by an ACK, generated by the receiv-
ing device.
If the X76F100 is in a nonvolatile write cycle a “no
ACK” (SDA=High) response will be issued in response
to loading of the command byte. If a stop is issued prior
to the nonvolatile write cycle the write operation will be
terminated and the part will reset and enter into a
standby mode.
The basic sequence is illustrated in Figure 1.
PIN NAMES
PIN CONFIGURATION
Symbol
Description
CS
Chip Select Input
SDA
Serial Data Input/Output
SCL
Serial Clock Input
RST
Reset Input
VCC
Supply Voltage
VSS
Ground
NC
No Connect
CS
SDA
VCC
RST
SCL
NC
1
2
3
4
7
8
6
5
VCC
RST
SCL
VSS
NC
SDA
Smart Card
CS
NC
NC
GND
CS
SDA
VCC
RST
SCL
NC
1
2
3
4
7
8
6
5
VSS
NC
NC
RST
SCL
SDA
VSS
1
2
3
4
7
8
6
5
VCC
CS
NC
PDIP
SOIC
MSOP


Similar Part No. - X76F100P

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X76F101 XICOR-X76F101 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101 ICMIC-X76F101 Datasheet
371Kb / 17P
   Secure SerialFlash
logo
Xicor Inc.
X76F101-3 XICOR-X76F101-3 Datasheet
94Kb / 17P
   Secure SerialFlash
logo
IC MICROSYSTEMS
X76F101H ICMIC-X76F101H Datasheet
371Kb / 17P
   Secure SerialFlash
X76F101H-3.0 ICMIC-X76F101H-3.0 Datasheet
371Kb / 17P
   Secure SerialFlash
More results

Similar Description - X76F100P

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
   SERIAL 1K 128 x 8 EEPROM
November 1997
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
   Two-wire Serial EEPROM 1K (128 x 8)
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
STMicroelectronics
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
   1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
logo
Microchip Technology
ER5911 MICROCHIP-ER5911 Datasheet
421Kb / 8P
   1K (128 X 8 OR 64 X 16) SERIAL ELECTRICALLY ERASABLE PROM
1989
logo
ATMEL Corporation
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
   Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Cypress Semiconductor
CY7C281A CYPRESS-CY7C281A Datasheet
137Kb / 8P
   1K x 8 PROM
CY7C281A CYPRESS-CY7C281A_06 Datasheet
266Kb / 8P
   1K x 8 PROM
logo
Mitsubishi Electric Sem...
M66222SP MITSUBISHI-M66222SP Datasheet
107Kb / 8P
   128 x 8-BIT x 2 MAIL-BOX
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com