Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T48SR05005NNFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # T48SR05005NNFA
Description  Fixed frequency operation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

T48SR05005NNFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button T48SR05005NNFA Datasheet HTML 3Page - Delta Electronics, Inc. T48SR05005NNFA Datasheet HTML 4Page - Delta Electronics, Inc. T48SR05005NNFA Datasheet HTML 5Page - Delta Electronics, Inc. T48SR05005NNFA Datasheet HTML 6Page - Delta Electronics, Inc. T48SR05005NNFA Datasheet HTML 7Page - Delta Electronics, Inc. T48SR05005NNFA Datasheet HTML 8Page - Delta Electronics, Inc. T48SR05005NNFA Datasheet HTML 9Page - Delta Electronics, Inc. T48SR05005NNFA Datasheet HTML 10Page - Delta Electronics, Inc. T48SR05005NNFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS_ T48SR05005_09282012
7
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input source
is recommended. If the source inductance is more than
a few µH, we advise adding a 100µF electrolytic
capacitor mounted close to the input of the module to
improve the stability.
Module internal input filter is only one 1uF ceramic cap,
not L-C filter or Pi filter, so the external input cap ESR
loss need be paid more attention. A external inductor
(1uH) placed in front of module can decrease ESR loss
of the external input cap greatly.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For design
assistance with EMC compliance and related PWB
layout issues, please contact Delta’s technical support
team. An external input filter module is available for
easier EMC compliance design. Below is the reference
design for an input filter tested with T48SR05005XXXX
to meet EN55022 (VDE0878) class A(both q. peak and
average)
Schematic and Components List
Figure 16 : Capacitive and inductive EMI Filter
C1=47uF /100 V(Low ESR)
C2=C3= 47 uF/100 V(Low ESR)
C4=C5=2200pF
T1=0.59mH type P0353 (Pulse)
Test Result:
At T = +25
°C , Vin = 48 V and Io= 5 A
Blue line is quasi peak mode; Green line is average
mode.
Figure 17: EMI test negative line @ T = +25
°C and Vin = 48 V
Figure 18: EMI test positive line @ T = +25
°C and Vin = 48 V
Safety Considerations
The power module must be installed in compliance with the
spacing and separation requirements of the end-user’s
safety agency standard, i.e., UL60950-1, CSA C22.2 NO.
60950-1 2nd and IEC 60950-1 2nd : 2005 and EN 60950-1
2nd: 2006+A11+A1: 2010, if the system in which the power
module is to be used must meet safety agency
requirements.
Basic insulation based on 75 Vdc input is provided between
the input and output of the module for the purpose of
applying insulation requirements when the input to this
DC-to-DC converter is identified as TNV-2 or SELV. An
additional evaluation is needed if the source is other than
TNV-2 or SELV.
When the input source is SELV circuit, the power module
meets SELV (safety extra-low voltage) requirements. If the
input source is a hazardous voltage which is greater than 60
Vdc and less than or equal to 75 Vdc, for the module’s output
to meet SELV requirements, all of the following must be met:


Similar Part No. - T48SR05005NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
433Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules:
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
439Kb / 12P
   Delphi Series T48SR, 1/32 Brick Family DC/DC Power Modules: 36~75V in, 5V/5A out, 25W
T48SR05005NNFA DELTA-T48SR05005NNFA Datasheet
433Kb / 12P
   UL/cUL 60950-1 (US & Canada) recognized
More results

Similar Description - T48SR05005NNFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IPM24S0A0 DELTA-IPM24S0A0 Datasheet
839Kb / 14P
   Fixed frequency operation
V48SR12005 DELTA-V48SR12005 Datasheet
535Kb / 13P
   Fixed frequency operation
DNT12SIP03 DELTA-DNT12SIP03 Datasheet
631Kb / 12P
   Fixed frequency operation
E48SP12020 DELTA-E48SP12020 Datasheet
475Kb / 15P
   Fixed frequency operation
V48SR DELTA-V48SR Datasheet
877Kb / 14P
   Fixed frequency operation
H48SA28016 DELTA-H48SA28016 Datasheet
569Kb / 13P
   Fixed frequency operation
L36SA12004 DELTA-L36SA12004 Datasheet
550Kb / 13P
   Fixed frequency operation
IPM24S0B0 DELTA-IPM24S0B0 Datasheet
734Kb / 14P
   Fixed frequency operation
V48SC DELTA-V48SC Datasheet
1Mb / 17P
   Fixed frequency operation
E48SC12010 DELTA-E48SC12010 Datasheet
970Kb / 18P
   Fixed frequency operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com