Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # S48SA
Description  Industry standard footprint and pin out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  S48SA Datasheet HTML 1Page - Delta Electronics, Inc. S48SA Datasheet HTML 2Page - Delta Electronics, Inc. S48SA Datasheet HTML 3Page - Delta Electronics, Inc. S48SA Datasheet HTML 4Page - Delta Electronics, Inc. S48SA Datasheet HTML 5Page - Delta Electronics, Inc. S48SA Datasheet HTML 6Page - Delta Electronics, Inc. S48SA Datasheet HTML 7Page - Delta Electronics, Inc. S48SA Datasheet HTML 8Page - Delta Electronics, Inc. S48SA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FEATURES
High efficiency: 90.5% @ 5V/ 6.6A
Size: 47.2mm x 29.5mm x 8.35mm
(1.86" x 1.16" x 0.33")
Low profile: 0.33"
Industry standard footprint and pin out
Surface mountable
Fixed frequency operation
Input UVLO, Output OCP, OVP
No minimum load required
2:1 input voltage range
Basic insulation
ISO 9001, TL 9000, ISO 14001, QS 9000,
OHSAS 18001 certified manufacturing
facility
UL/cUL 60950 (US & Canada) recognized
OPTIONS
Positive on/off logic
Through hole pin
Delphi Series S48SA, 33W Family
DC/DC Power Modules: 48V in, 5V/6.6A out
The Delphi Series S48SA, surface mountable, 48V input, single
output, isolated DC/DC converter is the latest offering from a world
leader in power system and technology and manufacturing
– Delta
Electronics, Inc. This product family provides up to 33 watts of power
or up to 12A of output current (for output voltage 1.8V or under). With
creative
design
technology
and
optimization
of
component
placement, these converters possess outstanding electrical and
thermal performance, as well as extremely high reliability under
highly stressful operating conditions. All models are protected from
abnormal input/output voltage and current conditions.
APPLICATIONS
Telecom/DataCom
Wireless Networks
Optical Network Equipment
Server and Data Storage
Industrial/Test Equipment
Delta Electronics, Inc.
DATASHEET
DS_S48SA05006_09252012


Similar Part No. - S48SA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA05003NRFA DELTA-S48SA05003NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SA05003NRFB DELTA-S48SA05003NRFB Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SA05003NRFC DELTA-S48SA05003NRFC Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SA05003NTFA DELTA-S48SA05003NTFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
S48SA05003NTFB DELTA-S48SA05003NTFB Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
More results

Similar Description - S48SA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
Q36SR12020NRFA DELTA-Q36SR12020NRFA Datasheet
902Kb / 14P
   Industry standard footprint and pin out
FL75L20 DELTA-FL75L20 Datasheet
566Kb / 7P
   Industry standard footprint and pin-out
Q36SR DELTA-Q36SR Datasheet
713Kb / 14P
   Industry standard footprint and pin out
S48SA05006 DELTA-S48SA05006 Datasheet
910Kb / 13P
   Industry standard footprint and pin out
FL75L10 DELTA-FL75L10 Datasheet
522Kb / 7P
   Industry standard footprint and pin-out
E48SC12005 DELTA-E48SC12005 Datasheet
449Kb / 15P
   Industry standard pin out
E48SH DELTA-E48SH Datasheet
1Mb / 17P
   Industry standard pin out
E48SC3R325 DELTA-E48SC3R325 Datasheet
486Kb / 15P
   Industry standard pin out
E36SR DELTA-E36SR Datasheet
824Kb / 15P
   Industry standard pin out
DIM DELTA-DIM Datasheet
602Kb / 13P
   Industry standard pin out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com