Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK35GAR12T4 Datasheet(PDF) 1 Page - Semikron International

Part # SK35GAR12T4
Description  IGBT module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SK35GAR12T4 Datasheet(HTML) 1 Page - Semikron International

  SK35GAR12T4 Datasheet HTML 1Page - Semikron International SK35GAR12T4 Datasheet HTML 2Page - Semikron International SK35GAR12T4 Datasheet HTML 3Page - Semikron International SK35GAR12T4 Datasheet HTML 4Page - Semikron International SK35GAR12T4 Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SK 35 GAR 12T4
© by SEMIKRON
Rev. 0 – 03.06.2013
1
SEMITOP® 2
GAR
IGBT module
SK 35 GAR 12T4
Features
•Compact design
• One screw mounting
• Heat transfer and isolation through
direct copper bonded aluminium oxide
ceramic (DCB)
• High short circuit capability
• Trench4 IGBT technology
• CAL4F diode technology
•VCE,sat with positive coefficient
• UL recognized, file no. E 63 532
Typical Applications*
•Inverter
•Motor drive
Absolute Maximum Ratings
Symbol
Conditions
Values
Unit
Chopper IGBT
VCES
Tj =25°C
1200
V
IC
Tj = 175 °C
Ts =25°C
43
A
Ts =70°C
35
A
ICnom
35
A
ICRM
ICRM = 3 x ICnom
105
A
VGES
-20 ... 20
V
tpsc
VCC = 800 V
VGE
≤ 15 V
VCES
≤ 1200 V
Tj =150 °C
10
µs
Tj
-40 ... 175
°C
Chopper Diode
IF
Tj = 175 °C
Ts =25°C
38
A
Ts =70°C
30
A
IFnom
35
A
IFRM
IFRM = 3 x IFnom
105
A
IFSM
10 ms, sin 180°, Tj =150 °C
170
A
Tj
-40 ... 175
°C
Freewheeling Diode
IF
Tj = 175 °C
Ts =25°C
38
A
Ts =70°C
30
A
IFnom
35
A
IFRM
IFRM = 3xIFnom
105
A
IFSM
10 ms, sin 180°, Tj =150 °C
170
A
Tj
-40 ... 175
°C
Module
It(RMS)
A
Tstg
-40 ... 125
°C
Visol
AC, sinusoidal, t = 1 min
2500
V
Characteristics
Symbol
Conditions
min.
typ.
max.
Unit
Chopper IGBT
VCE(sat)
IC =35A
VGE =15 V
chiplevel
Tj =25 °C
1.85
2.1
V
Tj =150 °C
2.25
2.45
V
VCE0
chiplevel
Tj =25 °C
0.8
0.9
V
Tj =150 °C
0.7
0.8
V
rCE
VGE =15 V
chiplevel
Tj =25 °C
30.0
34.3
m
Tj =150 °C
44.3
47.1
m
VGE(th)
VGE =VCE V, IC =1.2 mA
55.8
6.5
V
ICES
VGE =0 V
VCE = 1200 V
Tj =25 °C
0.062
0.186
mA
Tj =150 °C
mA
Cies
VCE =25V
VGE =0 V
f=1MHz
1.95
nF
Coes
f=1MHz
0.155
nF
Cres
f=1MHz
0.115
nF
QG
- 8 V...+ 15 V
189
nC
RGint
Tj =25°C
-


Similar Part No. - SK35GAR12T4

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK35GAL12T4 SEMIKRON-SK35GAL12T4 Datasheet
162Kb / 5P
   Compact design
More results

Similar Description - SK35GAR12T4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com