Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IGD-8-424-P1F9-BH-FA Datasheet(PDF) 2 Page - Semikron International

Part # IGD-8-424-P1F9-BH-FA
Description  Three phase inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

IGD-8-424-P1F9-BH-FA Datasheet(HTML) 2 Page - Semikron International

  IGD-8-424-P1F9-BH-FA Datasheet HTML 1Page - Semikron International IGD-8-424-P1F9-BH-FA Datasheet HTML 2Page - Semikron International IGD-8-424-P1F9-BH-FA Datasheet HTML 3Page - Semikron International IGD-8-424-P1F9-BH-FA Datasheet HTML 4Page - Semikron International IGD-8-424-P1F9-BH-FA Datasheet HTML 5Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IGD-8-424-P1F9-BH-FA
Environmental conditions
Characteristics
Conditions
min
typ
max
Unit
Ambient temperature 1)
Humidity
Installation altitude
without derating
1 000
m
IEC 60529
IP00
-
EN 50178
2
-
VSUPPLY
Heatsink fan AC voltage supply
230
VAC
PFAN
at 50Hz Rated power at VSUPPLY (per heatsink fan)
300
W
VSUPPLY
Capacitor bank fan AC voltage supply
230
VAC
SEMIKUBE - Size T3
PFAN
at 50Hz Rated power at VSUPPLY per capacitor bank fan
15
W
Three phase inverter
Gate Driver Characteristcs
T AMBIENT =25°C unless otherwise specified
Symbol
Conditions
min
typ
max
Unit
Ordering No. 08800448
Gate Driver / controler data
Description
IGD-8-424-P1F9-BH-FA
VS
supply voltage
21,6
24
26,4
VDC
Option
8C 0N 0P K - 3EX - 3F2
ISO
Supply primary current No load
270
mA
Max. Supply primary current
1 200
mA
Features
ViT+
input threshold voltage HIGH
0.7 x VS
VDC
ViT-
input threshold voltage LOW
0.3 x VS
VDC
Designed in regards to EN50178 and UL508C (600V)
RIN
Input resistance
10
k
recommandations
CIN
Input capacitance
1
nF
RoHS compliant
Measurement & protection
Fast mounting and dismounting
Scaling
10
mV.V
-1
Very high life-time expectancy
Accuracy of analogue signal @ 600V / Ta=25°C
-4,5
+4,5
%
Integrated voltage, current and temperature sensors
Temperature coefficient
0,03
%.K
-1
Air cooled power stacks
max. load current
5
mA
Max. voltage range
15
VDC
Typical Applications
Max measurable DC Link Voltage
1 000
VDC
Scaling
3
mV.A
-1
Industrial applications
Accuracy of analogue signal
-5
+5
%
Solar Inverters
Temperature coefficient
0,07
%.K
-1
Max. output current
5
mA
Max. voltage range
15
VDC
Footnotes
ITRIPSC
Over current trip level
3 000
APEAK
Scaling
100
mV.°C
-1
1) the user shall ensure that the ambiant air shall be
Minimum measurable temperature
25
°C
ventilated in order not to create temperature hot spots.
Max. output current
5
mA
Max. voltage range
15
VDC
Ttp
Over temperature protection
95
100
105
°C
REMARKS
Tth
Threshold level for reset after failure event
70
°C
© by SEMIKRON
2
Climatic
Mechanical
IEC 60721-3-3, class 3K3 extended
In operation
-25
Protection index
°C
IEC 60721-3-3, class 3K3
no condensation no icing
5
IGBT Module stack
B6CI
85
%
Thermal data
kg
145
Rev. 3 - 16.10.2012
This technical information specifies semiconductor devices but
promises no characteristics. No warranty or guarantee,
expressed or implied is made regarding delivery, performance
or suitability.
DC link voltage
sensing
UDC analogue OUT
Current sensing
Ianalogue OUT
Temperature
sensing
Tanalogue OUT
55
Pollution degree
Total weight
3-phase inverter, including DC clamps and heatsink
fans


Similar Part No. - IGD-8-424-P1F9-BH-FA

ManufacturerPart #DatasheetDescription
logo
Semikron International
IGD-8-426-E1F12-BH-FA SEMIKRON-IGD-8-426-E1F12-BH-FA Datasheet
2Mb / 5P
   Three-phase inverter
More results

Similar Description - IGD-8-424-P1F9-BH-FA

ManufacturerPart #DatasheetDescription
logo
Semikron International
IGD-4-424-P1F7-BL-FA SEMIKRON-IGD-4-424-P1F7-BL-FA Datasheet
495Kb / 5P
   Three phase inverter
IGD-8-426-E1F12-BH-FA SEMIKRON-IGD-8-426-E1F12-BH-FA Datasheet
2Mb / 5P
   Three-phase inverter
IGD-8-326-E1F12-BH-FA SEMIKRON-IGD-8-326-E1F12-BH-FA Datasheet
2Mb / 5P
   Three-phase inverter
SKAI90A2GD06-W12DI SEMIKRON-SKAI90A2GD06-W12DI Datasheet
493Kb / 8P
   Three-phase IGBT inverter
SKAI90A2GD06-W24CI SEMIKRON-SKAI90A2GD06-W24CI Datasheet
526Kb / 9P
   Three-phase IGBT inverter
SKAI45A2GD12-W12DI SEMIKRON-SKAI45A2GD12-W12DI Datasheet
484Kb / 8P
   Three-phase IGBT inverter
SKAI90A2GD06-W24DI SEMIKRON-SKAI90A2GD06-W24DI Datasheet
493Kb / 8P
   Three-phase IGBT inverter
SKAI45A2GD12-W24DI SEMIKRON-SKAI45A2GD12-W24DI Datasheet
484Kb / 8P
   Three-phase IGBT inverter
SKAI45A2D12-W24CI SEMIKRON-SKAI45A2D12-W24CI Datasheet
517Kb / 9P
   Three-phase IGBT inverter
SKAI45A2GD12-W12CI SEMIKRON-SKAI45A2GD12-W12CI Datasheet
518Kb / 9P
   Three-phase IGBT inverter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com