Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC15 Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part No. NC15
Description  Voltage and resistor-based trim
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC15 Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  NC15 Datasheet HTML 1Page - Delta Electronics, Inc. NC15 Datasheet HTML 2Page - Delta Electronics, Inc. NC15 Datasheet HTML 3Page - Delta Electronics, Inc. NC15 Datasheet HTML 4Page - Delta Electronics, Inc. NC15 Datasheet HTML 5Page - Delta Electronics, Inc. NC15 Datasheet HTML 6Page - Delta Electronics, Inc. NC15 Datasheet HTML 7Page - Delta Electronics, Inc. NC15 Datasheet HTML 8Page - Delta Electronics, Inc. NC15 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NC12S15A_12022010
2
TECHNICAL SPECIFICATIONS
(Ambient Temperature=25°C, minimum airflow=200LFM, nominal Vin=12Vdc unless otherwise specified.)
PARAMETER
NOTES and CONDITIONS
NC12S0A0V/H15
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
14
Vdc
Operating Temperature (Vertical)
With appropriate air flow and derating, see Figs 33
0
130
°C
Operating Temperature (Horizontal)
With appropriate air flow and derating, see Figs 39
-40
125
°C
Storage Temperature
-40
125
°C
Input/Output Isolation Voltage
Non-isolated
NA
V
INPUT CHARACTERISTICS
Operating Input Voltage
10.2
12.0
13.8
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
9.0
V
Turn-Off Voltage Threshold
7.5
V
Lockout Hysteresis Voltage
1.5
V
Maximum Input Current
100% Load, 10.2Vin, 5.0Vout
8.1
A
No-Load Input Current
Vin=12V, Vout=0.9V
65
mA
Off Converter Input Current
Remote OFF
9
mA
Input Reflected-Ripple Current
Refer to Figure 31.
150
mA
Input Ripple Rejection
120Hz
45
dB
OUTPUT CHARACTERISTICS
Output Voltage Adjustment Range
0.9
5.0
V
Output Voltage Set Point
With a 1.0% trim resistor
-2.5
+2.5
%
Output Voltage Regulation
Over Load
Io=Io_min to Io_max
-1.0
+1.0
%
Over Line
Vin=Vin_min to Vin_max
-0.2
+0.2
%
Output Voltage Ripple and Noise
5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 100nF ceramic, 10µF tantalum
50
mV
RMS
Full Load, 100nF ceramic, 10µF tantalum
20
mV
Output Current Range
0
15
A
Output Voltage Over-shoot at Start-up
Vin=12V, Turn ON
1
%
Output Voltage Under-shoot at Power-Off
Vin=12V, Turn OFF
100
mV
Output DC Current-Limit Inception
Hiccup mode
16
A
Output Short-Circuit Current
Hiccup mode
DYNAMIC CHARACTERISTICS
Output Dynamic Load Response
12Vin, 100nF ceramic, 10µF tantalum load cap,
10A/µs
Positive Step Change in Output Current
50% Io_max
to 75% Io_max
100
mV
Negative Step Change in Output Current
75% Io_max to 50% Io_max
100
mV
Settling Time
Settling to be within regulation band (Vo +/- 2.5%)
200
µs
Turn-On Transient
Start-Up Time, from On/Off Control
From Enable high to 10% of Vo
10
ms
Start-Up Time, from input power
From Vin=12V to 10% of Vo
10
ms
Minimum Output Capacitance
Ex: OSCON 6.3V/680µF (ESR 13 mΩ max.)
680
µF
Maximum Output Startup Capacive Load
Full Load
6800
µF
Minimum Input Capacitance
Ex: OSCON 16V/270µF (ESR 18 mΩ max.)
270
µF
EFFICIENCY
Vo=0.9V
Vin=12V, Io=15A
75
%
Vo=1.2V
Vin=12V, Io=15A
79
%
Vo=1.5V
Vin=12V, Io=15A
81
%
Vo=1.8V
Vin=12V, Io=15A
84
%
Vo=2.5V
Vin=12V, Io=15A
87
%
Vo=3.3V
Vin=12V, Io=15A
89
%
Vo=5.0V
Vin=12V, Io=15A
91
%
FEATURE CHARACTERISTICS
Switching Frequency
fixed
300
KHz
ON/OFF Control
Positive logic (internally pulled high)
Logic High
Module On (or leave the pin open)
2.4
5.5
V
Logic Low
Module Off
0
0.8
V
GENERAL SPECIFICATIONS
MTBF
Telcordia SR-332 Issue1 Method1 Case3 at 50°C
2.1
M hours
Weight
16.5
grams


Similar Part No. - NC15

ManufacturerPart No.DatasheetDescription
Fox Electronics
Fox Electronics
NC15 FOX-NC15 Datasheet
76Kb / 1P
   THRU-HOLE TUNING FORK
AVX Corporation
AVX Corporation
NC15 AVX-NC15 Datasheet
200Kb / 5P
   NTC SMD Thermistors
Tyco Electronics
Tyco Electronics
NC150WE-100S3 MACOM-NC150WE-100S3 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
NC155WE-100S4 MACOM-NC155WE-100S4 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
Littelfuse
Littelfuse
NC15A LITTELFUSE-NC15A Datasheet
173Kb / 1P
   RELAY SOCKETS
092016
More results

Similar Description - NC15

ManufacturerPart No.DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz