Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC15 Datasheet(PDF) 14 Page - Delta Electronics, Inc.

Part No. NC15
Description  Voltage and resistor-based trim
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC15 Datasheet(HTML) 14 Page - Delta Electronics, Inc.

Back Button NC15 Datasheet HTML 6Page - Delta Electronics, Inc. NC15 Datasheet HTML 7Page - Delta Electronics, Inc. NC15 Datasheet HTML 8Page - Delta Electronics, Inc. NC15 Datasheet HTML 9Page - Delta Electronics, Inc. NC15 Datasheet HTML 10Page - Delta Electronics, Inc. NC15 Datasheet HTML 11Page - Delta Electronics, Inc. NC15 Datasheet HTML 12Page - Delta Electronics, Inc. NC15 Datasheet HTML 13Page - Delta Electronics, Inc. NC15 Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
NC12S15A_12022010
14
PART NUMBERING SYSTEM
MODEL LIST
Model Name
Packaging
Input Voltage
Output Voltage
Output Current
Efficiency
12Vin @ 100% load
NC12S0A0V15PNFA
Vertical
10.2 ~ 13.8Vdc
0.9 V ~ 5.0Vdc
15A
91% (5.0V)
NC12S0A0H15PNFA
Horizontal
10.2 ~ 13.8Vdc
0.9 V ~ 5.0Vdc
15A
91% (5.0V)
CONTACT: www.deltaww.com/dcdc
USA:
Telephone:
East Coast: 978-656-3993
West Coast: 510-668-5100
Fax: (978) 656 3964
Email: DCDC@delta-corp.com
Europe:
Telephone: +31-20-655-0967
Fax: +31-20-655-0999
Email: DCDC@delta-es.com
Asia & the rest of world:
Telephone: +886 3 4526107 x6220~6224
Fax: +886 3 4513485
Email: DCDC@delta.com.tw
WARRANTY
Delta offers a two (2) year limited warranty. Complete warranty information is listed on our web site or is available upon
request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta
for its use, nor for any infringements of patents or other rights of third parties, which may result from its use. No license
is granted by implication or otherwise under any patent or patent rights of Delta. Delta reserves the right to revise these
specifications at any time, without notice.
NC
12
S
0A0
V
15
P
N
F
A
Product
Series
Input
Voltage
Number of
outputs
Output
Voltage
Mounting
Output
Current
ON/OFF
Logic
Pin
Length
Option
Code
NC-
Non-isolated
Converter
12-
10.2~13.8V
S- Single
output
0A0-
programmable
H- Horizontal
V- Vertical
15 - 15A
P- Positive
N- Negative
R-
0.118”
N-
0.14”
F- RoHS 6/6
(Lead Free)
A- Standard
function.


Similar Part No. - NC15

ManufacturerPart No.DatasheetDescription
Fox Electronics
Fox Electronics
NC15 FOX-NC15 Datasheet
76Kb / 1P
   THRU-HOLE TUNING FORK
AVX Corporation
AVX Corporation
NC15 AVX-NC15 Datasheet
200Kb / 5P
   NTC SMD Thermistors
Tyco Electronics
Tyco Electronics
NC150WE-100S3 MACOM-NC150WE-100S3 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
NC155WE-100S4 MACOM-NC155WE-100S4 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
Littelfuse
Littelfuse
NC15A LITTELFUSE-NC15A Datasheet
173Kb / 1P
   RELAY SOCKETS
092016
More results

Similar Description - NC15

ManufacturerPart No.DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz