Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC15 Datasheet(PDF) 11 Page - Delta Electronics, Inc.

Part No. NC15
Description  Voltage and resistor-based trim
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

NC15 Datasheet(HTML) 11 Page - Delta Electronics, Inc.

Back Button NC15 Datasheet HTML 6Page - Delta Electronics, Inc. NC15 Datasheet HTML 7Page - Delta Electronics, Inc. NC15 Datasheet HTML 8Page - Delta Electronics, Inc. NC15 Datasheet HTML 9Page - Delta Electronics, Inc. NC15 Datasheet HTML 10Page - Delta Electronics, Inc. NC15 Datasheet HTML 11Page - Delta Electronics, Inc. NC15 Datasheet HTML 12Page - Delta Electronics, Inc. NC15 Datasheet HTML 13Page - Delta Electronics, Inc. NC15 Datasheet HTML 14Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NC12S15A_12022010
11
THERMAL CURVES (NC12S0A0V15)
MODULE
AIR FLOW
17.5
(0.69”)
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
35 (1.38
”)
Note: Wind Tunnel Test Setup Figure Dimensions are in
millimeters and (Inches)
Figure 32: Wind tunnel test setup
Figure 33: Temperature measurement location
* The allowed maximum hot spot temperature is defined at 130
NC12S0A0V15 (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout = 5V (Either Orientation)
0
3
6
9
12
15
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
100LFM
Natural
Convection
200LFM
300LFM
400LFM
Figure 34: Output current vs. ambient temperature and air
velocity@Vout=5V(Either Orientation)
NC12S0A0V15 (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout = 3.3V (Either Orientation)
0
3
6
9
12
15
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
100LFM
Natural
Convection
200LFM
300LFM
400LFM
Figure 35: Output current vs. ambient temperature and air
velocity@ Vout=3.3V(Either Orientation)
NC12S0A0V15 (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout = 1.8V (Either Orientation)
0
3
6
9
12
15
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
100LFM
Natural
Convection
200LFM
300LFM
Figure 36: Output current vs. ambient temperature and air
velocity@ Vout=1.8V(Either Orientation)
NC12S0A0V15 (Standard) Output Current vs. Ambient Temperature and Air Velocity
@ Vout = 0.9V (Either Orientation)
0
3
6
9
12
15
25
30
35
40
45
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
100LFM
Natural
Convection
200LFM
300LFM
Figure 37: Output current vs. ambient temperature and air
velocity@ Vout=0.9V(Either Orientation)


Similar Part No. - NC15

ManufacturerPart No.DatasheetDescription
Fox Electronics
Fox Electronics
NC15 FOX-NC15 Datasheet
76Kb / 1P
   THRU-HOLE TUNING FORK
AVX Corporation
AVX Corporation
NC15 AVX-NC15 Datasheet
200Kb / 5P
   NTC SMD Thermistors
Tyco Electronics
Tyco Electronics
NC150WE-100S3 MACOM-NC150WE-100S3 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
NC155WE-100S4 MACOM-NC155WE-100S4 Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
Littelfuse
Littelfuse
NC15A LITTELFUSE-NC15A Datasheet
173Kb / 1P
   RELAY SOCKETS
092016
More results

Similar Description - NC15

ManufacturerPart No.DatasheetDescription
Delta Electronics, Inc.
Delta Electronics, Inc.
DCS DELTA-DCS Datasheet
1Mb / 20P
   Voltage and resistor-based trim
DNM04SIP10 DELTA-DNM04SIP10 Datasheet
843Kb / 16P
   Voltage and resistor-based trim
DNK12SIP DELTA-DNK12SIP Datasheet
1,008Kb / 15P
   Voltage and resistor-based trim
DNS04SMD06 DELTA-DNS04SMD06 Datasheet
931Kb / 17P
   Voltage and resistor-based trim
DNS10SIP06 DELTA-DNS10SIP06 Datasheet
706Kb / 15P
   Voltage and resistor-based trim
DNM DELTA-DNM Datasheet
943Kb / 15P
   Voltage and resistor-based trim
NC06 DELTA-NC06 Datasheet
867Kb / 14P
   Voltage and resistor-based trim
NC12S06A DELTA-NC12S06A Datasheet
867Kb / 14P
   Voltage and resistor-based trim
DNL04SIP16A DELTA-DNL04SIP16A Datasheet
940Kb / 16P
   Voltage and resistor-based trim
DNS04SIP06 DELTA-DNS04SIP06 Datasheet
828Kb / 16P
   Voltage and resistor-based trim
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz