Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMA-x1000-24-YYPLI Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # IMA-x1000-24-YYPLI
Description  Safety rated for Medical, Industrial and IT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IMA-x1000-24-YYPLI Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button IMA-x1000-24-YYPLI Datasheet HTML 4Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 5Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 6Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 7Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 8Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 9Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 10Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 11Page - Delta Electronics, Inc. IMA-x1000-24-YYPLI Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IMA-x1000 Power Supply Series
Mounting orientations
Fan side
Connector side
≥20 mm
(≥0.79 in)
Fig. 1:
Standard mounting orientation
Fan side
Connector side
Fig. 2:
Vertical mounting
Bottom
Top
Fig. 3:
Mounting on the left side
Bottom
Top
Fig. 4:
Mounting on the right side
Mounting holes
Fan side
Connector side
Side view
Mounting holes
Mounting holes
Bottom view
Fig. 5:
Position of mounting holes
Data sheet IMA x1000 Power Supply Series V2.0 2016-08-09
8


Similar Part No. - IMA-x1000-24-YYPLI

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IMA-x400-12-ZNPLI DELTA-IMA-x400-12-ZNPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-12-ZNPLY DELTA-IMA-x400-12-ZNPLY Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-24-ZNPLI DELTA-IMA-x400-24-ZNPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-24-ZNPLY DELTA-IMA-x400-24-ZNPLY Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x400-48-ZNPLI DELTA-IMA-x400-48-ZNPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
More results

Similar Description - IMA-x1000-24-YYPLI

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IMA-400 DELTA-IMA-400 Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-600 DELTA-IMA-600 Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
logo
XP Power Limited
ECS45US24 XPPOWER-ECS45US24 Datasheet
405Kb / 4P
   IT & Medical Safety Approvals
ECS25 XPPOWER-ECS25 Datasheet
4Mb / 11P
   IT & Medical Safety Approvals
logo
Artesyn Technologies
LCM600 ARTESYN-LCM600 Datasheet
1Mb / 7P
   Industrial/Medical safety
logo
Minmax Technology Co., ...
MAU400 MINMAX-MAU400 Datasheet
710Kb / 4P
   Industrial & Medical Safety Approval
logo
Emerson Network Power
NPT40 EMERSON-NETWORKPOWER-NPT40 Datasheet
435Kb / 4P
   Medical and ITE Safety Approvals
logo
Artesyn Technologies
NPS22-M ARTESYN-NPS22-M Datasheet
627Kb / 3P
   Medical and ITE safety approvals
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com