Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMA-x600-12-ZYPLI Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # IMA-x600-12-ZYPLI
Description  Safety rated for Medical, Industrial and IT
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

IMA-x600-12-ZYPLI Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button IMA-x600-12-ZYPLI Datasheet HTML 5Page - Delta Electronics, Inc. IMA-x600-12-ZYPLI Datasheet HTML 6Page - Delta Electronics, Inc. IMA-x600-12-ZYPLI Datasheet HTML 7Page - Delta Electronics, Inc. IMA-x600-12-ZYPLI Datasheet HTML 8Page - Delta Electronics, Inc. IMA-x600-12-ZYPLI Datasheet HTML 9Page - Delta Electronics, Inc. IMA-x600-12-ZYPLI Datasheet HTML 10Page - Delta Electronics, Inc. IMA-x600-12-ZYPLI Datasheet HTML 11Page - Delta Electronics, Inc. IMA-x600-12-ZYPLI Datasheet HTML 12Page - Delta Electronics, Inc. IMA-x600-12-ZYPLI Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IMA-x600 Power Supply Series
Dimensional drawings
177.8 mm +0.5
-0.5 (7.0 in
)
+0.02
-0.02
203.1 mm +1.0
-1.0 (8.0 in
)
+0.02
-0.02
M3*0.5 screw hole (4x)
LED
VR
J2
J1
J3
PIN2
PIN1
15.0 mm
(0.67 in)
M3*0.5 screw hole (2x)
both sides
144.5 mm (5.69 in)
155.0 mm (6.10 in)
17.0 mm
(0.59 in)
Fig. 6:
Dimensional drawing IMA-x600-xx
Notes:
● Base plate mounting, M3 thread holes, maximum penetration 4.0 mm (0.16 in) (from outside face of chassis), maxi-
mum torque 0.6 Nm (5.31 lb-in)
● (J1) Input terminal block, Switchlab T14-EMII03, M3.5 screw in 3 positions, maximum torque 1.3 Nm (11.5 lb-in)
● (J2) Output terminal block,
Dinkle DT-7C-B01W-3943-02 (for 24 V and 48 V), M4 screw in 2 positions, maximum torque 1.5 Nm (13.28 lb-in)
Dinkle 0166-8002C (for 12 V), M5 screw in 2 positions, maximum torque 2.4 Nm (21.24 lb-in)
● (J3) Signal connector and Auxiliary DC Output, Mating connector for J3 is either Molex, part number 51110-1450 (with-
out locking ramp), or Molex part number 51110-1451 (with locking ramp). The connector is not shipped with the power
supply unit.
● General tolerance: ±0.3 mm (0.012 in)
9
Data sheet IMA x600 Power Supply Series V2.0 2016-08-09


Similar Part No. - IMA-x600-12-ZYPLI

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IMA-x1000-12-YYPLI DELTA-IMA-x1000-12-YYPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x1000-12-YYPLY DELTA-IMA-x1000-12-YYPLY Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x1000-24-YYPLI DELTA-IMA-x1000-24-YYPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x1000-24-YYPLY DELTA-IMA-x1000-24-YYPLY Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-x1000-48-YYPLI DELTA-IMA-x1000-48-YYPLI Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
More results

Similar Description - IMA-x600-12-ZYPLI

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
IMA-1000 DELTA-IMA-1000 Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
IMA-400 DELTA-IMA-400 Datasheet
2Mb / 14P
   Safety rated for Medical, Industrial and IT
logo
XP Power Limited
ECS45US24 XPPOWER-ECS45US24 Datasheet
405Kb / 4P
   IT & Medical Safety Approvals
ECS25 XPPOWER-ECS25 Datasheet
4Mb / 11P
   IT & Medical Safety Approvals
logo
Artesyn Technologies
LCM600 ARTESYN-LCM600 Datasheet
1Mb / 7P
   Industrial/Medical safety
logo
Minmax Technology Co., ...
MAU400 MINMAX-MAU400 Datasheet
710Kb / 4P
   Industrial & Medical Safety Approval
logo
Emerson Network Power
NPT40 EMERSON-NETWORKPOWER-NPT40 Datasheet
435Kb / 4P
   Medical and ITE Safety Approvals
logo
Artesyn Technologies
NPS22-M ARTESYN-NPS22-M Datasheet
627Kb / 3P
   Medical and ITE safety approvals
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com