Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAS116WS_R2_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAS116WS_R2_00001
Description  SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAS116WS_R2_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAS116WS_R2_00001 Datasheet HTML 1Page - Pan Jit International Inc. BAS116WS_R2_00001 Datasheet HTML 2Page - Pan Jit International Inc. BAS116WS_R2_00001 Datasheet HTML 3Page - Pan Jit International Inc. BAS116WS_R2_00001 Datasheet HTML 4Page - Pan Jit International Inc. BAS116WS_R2_00001 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
May 25,2016-REV.04
BAS116WS
SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
VOLTAGE
100 Volt
200mWatt
POWER
ABSOLUTE RATINGS (each diode)
NOTE :
1. FR-5 Board = 1 x 0.75 x 0.062 in.
THERMAL CHARACTERISTICS
FEATURES
• Suface mount package ideally suited for automatic insertion.
• Very low leakage current. 2nA typical at VR=75V.
• Low capacitance. 2pF max at VR=0V, f=1MHz
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case : SOD-323 plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Approx weight : 0.00014 ounces, 0.0041 grams
• Marking : PA
1
2
Cathode
Anode
Pa r a m e t e r
S ym b o l
V a l u e
U n it s
P o w e r D i s s i pat i o n ( N ot e 1)
P TO T
20 0
m W
T h er m a l R e s i st a nce , Ju n c t i on t o A m bi en t ( N ot e 1)
R
θJA
62 5
O C/ W
J unc t i o n Te m p e r a t ur e
T J
- 5 5 t o 15 0
O C
S t o r age Te m per a t ur e
T STG
- 5 5 t o 15 0
O C
Pa r a m e t e r
S ym b o l
V a l u e
U n i t s
R e ve r s e V o l t ag e
V R
75
V
P e ak R e ve r s e V o l t a g e
V RM
10 0
V
C o nt i n uo us F o r w a r d C u r r e nt
I F
0. 2
A
N o n -re p e t i t i ve P e a k F o rw a r d S u rg e C u rre n t a t t = 1
μ sI FSM
4A
0.078(1.95)
0.068(1.75)
0.054(1.35)
0.045(1.15)
0.107(2.7)
0.090(2.3)
0.012(0.30)MIN.
0.006(0.15)
0.002(0.05)
0.014(0.35)
0.009(0.25)
0.036(0.90)
0.027(0.70)


Similar Part No. - BAS116WS_R2_00001

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS116WS-AU PANJIT-BAS116WS-AU Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU_R1_000A1 PANJIT-BAS116WS-AU_R1_000A1 Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU_R2_000A1 PANJIT-BAS116WS-AU_R2_000A1 Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS_09 Datasheet
67Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
SeCoS Halbleitertechnol...
BAS116WS SECOS-BAS116WS_15 Datasheet
500Kb / 2P
   Surface Mount Small Signal Switching Diode
More results

Similar Description - BAS116WS_R2_00001

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD6001 CENTRAL-CMPD6001 Datasheet
229Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
logo
Pan Jit International I...
BAV170W PANJIT-BAV170W_16 Datasheet
159Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS_09 Datasheet
67Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS PANJIT-BAS116WS Datasheet
58Kb / 3P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
BAS116WS-AU PANJIT-BAS116WS-AU Datasheet
68Kb / 5P
   SURFACE MOUNT, LOW LEAKAGE SWITCHING DIODE
logo
Central Semiconductor C...
CMDD6001 CENTRAL-CMDD6001 Datasheet
117Kb / 2P
   SUPERminiTM SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
CMPD6001 CENTRAL-CMPD6001_10 Datasheet
653Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD6001 CENTRAL-CMDD6001_10 Datasheet
367Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMOD3003 CENTRAL-CMOD3003_10 Datasheet
343Kb / 2P
   SURFACE MOUNT LOW LEAKAGE SILICON SWITCHING DIODE
CMDD3003 CENTRAL-CMDD3003 Datasheet
109Kb / 2P
   SUPERmini SURFACE MOUNT LOW LEAKAGE SWITCHING DIODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com