Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FL75L20A Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # FL75L20A
Description  ROHS Compliant
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

FL75L20A Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  FL75L20A Datasheet HTML 1Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 2Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 3Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 4Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 5Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 6Page - Delta Electronics, Inc. FL75L20A Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
SPECIFICATIONS
GENERAL SPECIFICATIONS
OUTPUT SPECIFICATIONS
Input voltage, continuous
Typical
0~75V
Output current
Ta=75°C, no airflow
5A
Input voltage, transient
Typical
100V
Output current
Ta=85°C, no airflow
4A
Operation case temperature Typical
-40℃ ~ 120℃
Common-mode Insertion Loss
50Ω circuit, 500 kHz (Typ)
43dB
Storage temperature
Typical
-55℃ ~ 125℃
Differential-mode Insertion Loss 50Ω circuit, 500 kHz (Typ)
45dB
Size
(1.0”. x 1.0”x 0.4”). 25.4 x 25.4 x 10.2 mm
ELECTRICAL CHARACTERISTICS CURVES
Figure 1: Typical common-mode insertion loss in a 50Ω circuit
Figure 2: Typical differential-mode insertion loss in a 50Ω
circuit
Internal Schematics
Figure 3: Internal schematics
2


Similar Part No. - FL75L20A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
FL75L20A DELTA-FL75L20A Datasheet
317Kb / 7P
   Delphi Series Filter Module 75Vdc input, 5A current Rating
FL75L20A DELTA-FL75L20A Datasheet
740Kb / 7P
   Delphi Series Filter Module 0~75Vdc input, 7A Current Rating
FL75L20A DELTA-FL75L20A Datasheet
340Kb / 7P
   Delphi Series Filter Module 75Vdc max input, 20A max output current The Delphi series FL75L20 A filter module is the latest offering
FL75L20A DELTA-FL75L20A Datasheet
1Mb / 12P
   Delphi Series Filter Module - FL75L07 0~75Vdc input, 7A Current Rating
FL75L20A DELTA-FL75L20A Datasheet
566Kb / 7P
   Industry standard footprint and pin-out
More results

Similar Description - FL75L20A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
   RoHs Compliant
logo
Assmann Electronics Inc...
V7236A1 ASSMANN-V7236A1 Datasheet
107Kb / 1P
   RoHS compliant
logo
List of Unclassifed Man...
S6006FS22 ETC2-S6006FS22 Datasheet
205Kb / 12P
   RoHS Compliant
logo
Pulse A Technitrol Comp...
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
   ROHS COMPLIANT
logo
International Rectifier
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
   RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
   RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
   RoHS compliant
logo
Pulse A Technitrol Comp...
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
   ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
   ROHS COMPLIANT
logo
Assmann Electronics Inc...
A-CCS-052-Z-T ASSMANN-A-CCS-052-Z-T Datasheet
303Kb / 1P
   RoHS compliant
logo
Everlight Electronics C...
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
   RoHS compliant
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com