Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAND128R3A2AZB6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # NAND128R3A2AZB6
Description  128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16) 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

NAND128R3A2AZB6 Datasheet(HTML) 1 Page - STMicroelectronics

  NAND128R3A2AZB6 Datasheet HTML 1Page - STMicroelectronics NAND128R3A2AZB6 Datasheet HTML 2Page - STMicroelectronics NAND128R3A2AZB6 Datasheet HTML 3Page - STMicroelectronics NAND128R3A2AZB6 Datasheet HTML 4Page - STMicroelectronics NAND128R3A2AZB6 Datasheet HTML 5Page - STMicroelectronics NAND128R3A2AZB6 Datasheet HTML 6Page - STMicroelectronics NAND128R3A2AZB6 Datasheet HTML 7Page - STMicroelectronics NAND128R3A2AZB6 Datasheet HTML 8Page - STMicroelectronics NAND128R3A2AZB6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
1/57
February 2005
NAND128-A, NAND256-A
NAND512-A, NAND01G-A
128 Mbit, 256 Mbit, 512 Mbit, 1 Gbit (x8/x16)
528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
FEATURES SUMMARY
HIGH DENSITY NAND FLASH MEMORIES
Up to 1 Gbit memory array
Up to 32 Mbit spare area
Cost effective solutions for mass storage
applications
NAND INTERFACE
x8 or x16 bus width
Multiplexed Address/ Data
Pinout compatibility for all densities
SUPPLY VOLTAGE
1.8V device: VDD = 1.7 to 1.95V
3.0V device: VDD = 2.7 to 3.6V
PAGE SIZE
x8 device: (512 + 16 spare) Bytes
x16 device: (256 + 8 spare) Words
BLOCK SIZE
x8 device: (16K + 512 spare) Bytes
x16 device: (8K + 256 spare) Words
PAGE READ / PROGRAM
Random access: 12µs (max)
Sequential access: 50ns (min)
Page program time: 200µs (typ)
COPY BACK PROGRAM MODE
Fast page copy without external buffering
FAST BLOCK ERASE
Block erase time: 2ms (Typ)
STATUS REGISTER
ELECTRONIC SIGNATURE
CHIP ENABLE ‘DON’T CARE’ OPTION
Simple interface with microcontroller
SERIAL NUMBER OPTION
HARDWARE DATA PROTECTION
Program/Erase locked during Power
transitions
Figure 1. Packages
DATA INTEGRITY
100,000 Program/Erase cycles
10 years Data Retention
RoHS COMPLIANCE
Lead-Free Components are Compliant
with the RoHS Directive
DEVELOPMENT TOOLS
Error Correction Code software and
hardware models
Bad Blocks Management and Wear
Leveling algorithms
File System OS Native reference software
Hardware simulation models
TSOP48 12 x 20mm
VFBGA55 8 x 10 x 1mm
TFBGA55 8 x 10 x 1.2mm
VFBGA63 9 x 11 x 1mm
TFBGA63 9 x 11 x 1.2mm
FBGA
USOP48 12 x 17 x 0.65mm


Similar Part No. - NAND128R3A2AZB6

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
NAND16GAH0AZA5E NUMONYX-NAND16GAH0AZA5E Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0AZA5F NUMONYX-NAND16GAH0AZA5F Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0D NUMONYX-NAND16GAH0D Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0DZA5E NUMONYX-NAND16GAH0DZA5E Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
NAND16GAH0DZA5F NUMONYX-NAND16GAH0DZA5F Datasheet
2Mb / 116P
   1 Gbyte, 2 Gbyte, 1.8 V/3 V supply, NAND Flash memories with MultiMediaCard??interface
More results

Similar Description - NAND128R3A2AZB6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
NAND512R3A2C STMICROELECTRONICS-NAND512R3A2C Datasheet
674Kb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
logo
Numonyx B.V
NAND512R3A2C NUMONYX-NAND512R3A2C Datasheet
1Mb / 51P
   512 Mbit, 528 Byte/264 Word Page, 1.8V/3V, NAND Flash Memories
NAND512R3A2SN6F NUMONYX-NAND512R3A2SN6F Datasheet
1Mb / 55P
   512-Mbit, 528-byte/264-word page, 1.8 V/3 V, SLC NAND flash memories
logo
STMicroelectronics
NAND512-B STMICROELECTRONICS-NAND512-B Datasheet
383Kb / 59P
   512 Mbit, 1 Gbit, 2 Gbit, 4 Gbit, 8 Gbit 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
February 2005
NAND01G-N STMICROELECTRONICS-NAND01G-N Datasheet
217Kb / 23P
   1 Gbit (x8/x16) 2112 Byte Page NAND Flash Memory and 512 Mbit (x16) LPSDRAM, 1.8V, Multi-Chip Package
NAND256-M STMICROELECTRONICS-NAND256-M Datasheet
228Kb / 23P
   256/512Mb/1Gb (x8/x16, 1.8/3V, 528 Byte Page) NAND Flash Memories 256/512Mb (x16/x32, 1.8V) LPSDRAM, MCP
NAND01G-B STMICROELECTRONICS-NAND01G-B Datasheet
631Kb / 64P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
NAND01G-B2B STMICROELECTRONICS-NAND01G-B2B Datasheet
711Kb / 62P
   1 Gbit, 2 Gbit, 2112 Byte/1056 Word Page, 1.8V/3V, NAND Flash Memory
logo
Numonyx B.V
NAND04GW3B2B NUMONYX-NAND04GW3B2B Datasheet
1Mb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
logo
STMicroelectronics
NAND04GW3B2B STMICROELECTRONICS-NAND04GW3B2B Datasheet
501Kb / 58P
   4 Gbit, 8 Gbit, 2112 Byte/1056 Word Page 3V, NAND Flash Memories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com