Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U6084B-FP Datasheet(PDF) 6 Page - ATMEL Corporation

Part # U6084B-FP
Description  PWM Power Control with Automatic Duty-cycle Reduction
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6084B-FP Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button U6084B-FP Datasheet HTML 2Page - ATMEL Corporation U6084B-FP Datasheet HTML 3Page - ATMEL Corporation U6084B-FP Datasheet HTML 4Page - ATMEL Corporation U6084B-FP Datasheet HTML 5Page - ATMEL Corporation U6084B-FP Datasheet HTML 6Page - ATMEL Corporation U6084B-FP Datasheet HTML 7Page - ATMEL Corporation U6084B-FP Datasheet HTML 8Page - ATMEL Corporation U6084B-FP Datasheet HTML 9Page - ATMEL Corporation U6084B-FP Datasheet HTML 10Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
U6084B
4677B–AUTO–02/04
Absolute Maximum Ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
Parameters
Symbol
Value
Unit
Junction temperature
T
j
150
°C
Ambient temperature range
T
amb
-40 to +110
°C
Storage temperature range
T
stg
-55 to +125
°C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
120
K/W
Electrical Characteristics
T
amb = -40 to +110°C, VBatt = 9 to 16.5 V, (basic function is guaranteed between 6.0 V to 9.0 V) reference point ground,
unless otherwise specified (see Figure 1 on page 1). All other values refer to pin GND (pin 1).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Current consumption
Pin 16
I
S
6.8
mA
Supply voltage
Overvoltage detection, stage 1
V
Batt
25
V
Stabilized voltage
I
S = 10 mA, pin 16
V
S
24.5
27.0
V
Battery undervoltage detection
- on
- off
VBatt
4.4
4.8
5.0
5.4
5.6
6.0
V
Battery Overvoltage Detection
Pin 2
Stage 1:
- on
- off
V
Batt
18.3
16.7
20.0
18.5
21.7
20.3
V
Stage 2:
- on
- off
V
Batt
25.5
19.5
28.5
23.0
32.5
26.5
V
Stabilized voltage
I
S = 30 mA, pin 16
V
Z
18.5
20.0
21.5
V
Short-circuit Protection
Pin 12
Short-circuit current limitation
V
T1 = VS -V12
V
T1
85
100
120
mV
Short-circuit detection
V
T2 = VS -V12
V
T2
75
90
105
mV
V
T1 -VT2
310
30
mV
Delay Timer Short-circuit Detection
Pin 11
Switched off threshold
V
T11 = VS - V11
V
T11
9.5
9.8
10.1
V
Charge current
I
ch
23
µA
Discharge current
I
dis
3µA
Capacitance current
I
5 = Ich - Idis
I
5
13
20
27
mA
Output short-circuit latch
Pin 9
Saturation voltage
I
9 = 100 µA
V
sat
150
350
mV
Notes:
1. Reference point is battery ground


Similar Part No. - U6084B-FP

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6084B-FP TEMIC-U6084B-FP Datasheet
141Kb / 8P
   PWM Power Control with Automatic Duty Cycle Reduction
More results

Similar Description - U6084B-FP

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6084B ATMEL-U6084B_05 Datasheet
233Kb / 11P
   PWM Power Control with Automatic Duty-cycle Reduction
logo
TEMIC Semiconductors
U6084B TEMIC-U6084B Datasheet
141Kb / 8P
   PWM Power Control with Automatic Duty Cycle Reduction
U6081B TEMIC-U6081B Datasheet
121Kb / 8P
   PWM Power Control with Low Duty Cycle Switch Off
logo
Cherry Semiconductor Co...
CS52845 CHERRY-CS52845 Datasheet
142Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
CS3845B CHERRY-CS3845B Datasheet
149Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
CS2844 CHERRY-CS2844 Datasheet
156Kb / 6P
   Current Mode PWM Control Circuit with 50% Max Duty Cycle
logo
Silicon Laboratories
AN865 SILABS-AN865 Datasheet
1Mb / 7P
   APPLYING DUTY-CYCLE CONTROL TO SAVE POWER
logo
Texas Instruments
UCC1807 TI-UCC1807 Datasheet
314Kb / 11P
[Old version datasheet]   Programmable Maximum Duty Cycle PWM Controller
UCC28220 TI-UCC28220 Datasheet
373Kb / 24P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAX DUTY CYCLE
UCC28220-Q1 TI1-UCC28220-Q1 Datasheet
780Kb / 26P
[Old version datasheet]   INTERLEAVED DUAL PWM CONTROLLER WITH PROGRAMMABLE MAXIMUM DUTY CYCLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com