Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCA12776 Datasheet(PDF) 1 Page - Cree, Inc

Part # FCA12776
Description  Iris series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

FCA12776 Datasheet(HTML) 1 Page - Cree, Inc

  FCA12776 Datasheet HTML 1Page - Cree, Inc FCA12776 Datasheet HTML 2Page - Cree, Inc FCA12776 Datasheet HTML 3Page - Cree, Inc FCA12776 Datasheet HTML 4Page - Cree, Inc FCA12776 Datasheet HTML 5Page - Cree, Inc FCA12776 Datasheet HTML 6Page - Cree, Inc FCA12776 Datasheet HTML 7Page - Cree, Inc FCA12776 Datasheet HTML 8Page - Cree, Inc FCA12776 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PRODUCT DATASHEET
Iris series
last update 3/3/2017
DETAILS
Product Number
FCA12776_IRIS-O
Family
Iris
Type
Assembly
Color
black
Diameter
38 mm
Height
29,2 mm
Style
round
Optic Material
Holder Material
Fastening
tape, pin
Status
production ready
ROHS Comliant
Yes
Date Updated
3/03/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
42+30 deg
Oval
81 %
2.700
-
XM-L2
43+30 deg
Oval
80 %
1.700
-
XHP50
42+30 deg
Oval
79 %
1.600
-
NFMW48xA
42+32 deg
Oval
72 %
1.400
-
June 13th 2017 8:08 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - FCA12776

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCA12777 CREE-FCA12777 Datasheet
561Kb / 10P
   Iris series
logo
Ledil, Inc.
FCA12777 LEDIL-FCA12777 Datasheet
3Mb / 5P
   ~25째 medium beam optimized for CREE XM-L.
More results

Similar Description - FCA12776

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN11770 CREE-CN11770 Datasheet
358Kb / 8P
   Iris series
FCA12077 CREE-FCA12077 Datasheet
1Mb / 37P
   Iris series
FCN12775 CREE-FCN12775 Datasheet
607Kb / 10P
   Iris series
CN10861 CREE-CN10861 Datasheet
794Kb / 16P
   Iris series
CN11771 CREE-CN11771 Datasheet
500Kb / 8P
   Iris series
CN11772 CREE-CN11772 Datasheet
323Kb / 7P
   Iris series
FCN12790 CREE-FCN12790 Datasheet
572Kb / 9P
   Iris series
FCA12104 CREE-FCA12104 Datasheet
544Kb / 10P
   Iris series
FCA12777 CREE-FCA12777 Datasheet
561Kb / 10P
   Iris series
CN11470 CREE-CN11470 Datasheet
363Kb / 7P
   Iris series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com