Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CN12488 Datasheet(PDF) 10 Page - Cree, Inc

Part # CN12488
Description  Mirella series
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CN12488 Datasheet(HTML) 10 Page - Cree, Inc

Back Button CN12488 Datasheet HTML 6Page - Cree, Inc CN12488 Datasheet HTML 7Page - Cree, Inc CN12488 Datasheet HTML 8Page - Cree, Inc CN12488 Datasheet HTML 9Page - Cree, Inc CN12488 Datasheet HTML 10Page - Cree, Inc CN12488 Datasheet HTML 11Page - Cree, Inc CN12488 Datasheet HTML 12Page - Cree, Inc CN12488 Datasheet HTML 13Page - Cree, Inc CN12488 Datasheet HTML 14Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
SHEET
1/1
SIZE
A4
DRAWING TITLE
PART NUMBER
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy."
-
-
Datasheet_Mirella_pin
3 9
Front view
A
A
Botto view
Led position
49.
9
Top view
Section view A-A
Isometrric view


Similar Part No. - CN12488

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN12483 CREE-CN12483 Datasheet
2Mb / 52P
   Mirella reflector
CN12484 CREE-CN12484 Datasheet
2Mb / 50P
   Mirella reflector
CN12485 CREE-CN12485 Datasheet
2Mb / 54P
   Mirella reflector
CN12486 CREE-CN12486 Datasheet
390Kb / 18P
   Mirella series
CN12487 CREE-CN12487 Datasheet
1Mb / 35P
   Mirella series
More results

Similar Description - CN12488

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CN13127 CREE-CN13127 Datasheet
2Mb / 40P
   Mirella series
C12480 CREE-C12480 Datasheet
1Mb / 32P
   Mirella series
CN13764 CREE-CN13764 Datasheet
999Kb / 19P
   Mirella series
CN13772 CREE-CN13772 Datasheet
613Kb / 14P
   Mirella series
C14115 CREE-C14115 Datasheet
355Kb / 3P
   Mirella series
CN13905 CREE-CN13905 Datasheet
1Mb / 22P
   Mirella series
CN13130 CREE-CN13130 Datasheet
1Mb / 29P
   Mirella series
CN13902 CREE-CN13902 Datasheet
621Kb / 14P
   Mirella series
CN13768 CREE-CN13768 Datasheet
806Kb / 17P
   Mirella series
CN13770 CREE-CN13770 Datasheet
578Kb / 14P
   Mirella series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com