Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA12057 Datasheet(PDF) 1 Page - Cree, Inc

Part # CA12057
Description  Eva series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA12057 Datasheet(HTML) 1 Page - Cree, Inc

  CA12057 Datasheet HTML 1Page - Cree, Inc CA12057 Datasheet HTML 2Page - Cree, Inc CA12057 Datasheet HTML 3Page - Cree, Inc CA12057 Datasheet HTML 4Page - Cree, Inc CA12057 Datasheet HTML 5Page - Cree, Inc CA12057 Datasheet HTML 6Page - Cree, Inc CA12057 Datasheet HTML 7Page - Cree, Inc CA12057 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
PRODUCT DATASHEET
Eva series
last update 14/5/2014
DETAILS
Product Number
CA12057_EVA-D
Family
Eva
Type
Assembly
Color
black
Diameter
37,7 mm
Height
17,2 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
tape, screw
Status
production ready
ROHS Comliant
Yes
Date Updated
14/05/2014
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XM-L
16 deg
Diffuser
90 %
-
-
XM-L EZW
sim: 18
Diffuser
sim: 93 % -
-
XM-L2
17 deg
Diffuser
88 %
sim: 8.200 -
June 13th 2017 7:52 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CA12057

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12050 CREE-CA12050 Datasheet
886Kb / 15P
   Strada series
logo
Ledil, Inc.
CA12050 LEDIL-CA12050 Datasheet
1Mb / 9P
   Forward throw beam for area lighting optimized for XP-G and XP-E.
logo
Cree, Inc
CA12055 CREE-CA12055 Datasheet
342Kb / 6P
   Eva series
CA12056 CREE-CA12056 Datasheet
1Mb / 17P
   Tina series
logo
Ledil, Inc.
CA12056 LEDIL-CA12056 Datasheet
2Mb / 5P
   ~45째 wide beam optimized for CREE XP-E.
More results

Similar Description - CA12057

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C12041 CREE-C12041 Datasheet
266Kb / 5P
   Eva series
CA12802 CREE-CA12802 Datasheet
341Kb / 6P
   Eva series
CA12858 CREE-CA12858 Datasheet
411Kb / 7P
   Eva series
CA12055 CREE-CA12055 Datasheet
342Kb / 6P
   Eva series
CP12198 CREE-CP12198 Datasheet
92Kb / 2P
   Eva series
CA12805 CREE-CA12805 Datasheet
368Kb / 6P
   Eva series
C12828 CREE-C12828 Datasheet
1Mb / 19P
   Eva series
CP12197 CREE-CP12197 Datasheet
71Kb / 2P
   Eva series
CP12199 CREE-CP12199 Datasheet
91Kb / 2P
   Eva series
CP12200 CREE-CP12200 Datasheet
202Kb / 3P
   Eva series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com