Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS1210KRX7RCBN103 Datasheet(PDF) 7 Page - YAGEO Corporation

Part # CS1210KRX7RCBN103
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CS1210KRX7RCBN103 Datasheet(HTML) 7 Page - YAGEO Corporation

Back Button CS1210KRX7RCBN103 Datasheet HTML 3Page - YAGEO Corporation CS1210KRX7RCBN103 Datasheet HTML 4Page - YAGEO Corporation CS1210KRX7RCBN103 Datasheet HTML 5Page - YAGEO Corporation CS1210KRX7RCBN103 Datasheet HTML 6Page - YAGEO Corporation CS1210KRX7RCBN103 Datasheet HTML 7Page - YAGEO Corporation CS1210KRX7RCBN103 Datasheet HTML 8Page - YAGEO Corporation CS1210KRX7RCBN103 Datasheet HTML 9Page - YAGEO Corporation CS1210KRX7RCBN103 Datasheet HTML 10Page - YAGEO Corporation CS1210KRX7RCBN103 Datasheet HTML 11Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
19
NPO & X7R
Soft Termination
16V to 3KV
Surface-Mount Ceramic Multilayer Capacitors
Product specification
www.yageo.com
Jan. 26, 2017 V.3
Table 5 NPO / 1206 to 1210
CAPACITANCE RANGE & THICKNESS
CAP.
1206
1210
50V
100V
250V
500V
630V
1000V
2000V
50V
100V
250V
500V
630V
1000V
2000V
120 pF
FA
FA
FA
FA
FD
FD
FD
GC
GC
GC
GC
GC
GC
GC
150 pF
FA
FA
FA
FA
FD
FD
FD
GC
GC
GC
GC
GC
GC
GC
180 pF
FA
FA
FA
FA
FD
FD
FD
GC
GC
GC
GC
GC
GC
GC
220 pF
FA
FA
FA
FA
FD
FD
FD
GC
GC
GC
GC
GC
GC
GC
270 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
330 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
390 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
470 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
560 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
680 pF
FA
FA
FA
FA
FD
FD
GC
GC
GC
GC
GC
GC
820 pF
FA
FA
FB
FB
FD
FD
GC
GC
GC
GC
GC
GC
1.0 nF
FA
FA
FB
FB
FD
FD
GC
GC
GC
GC
GC
GC
1.2 nF
FA
FA
FB
FB
FD
GC
GC
GC
GC
1.5 nF
FA
FA
FB
FB
FD
GC
GC
GC
GC
1.8 nF
FA
FA
FD
FD
GC
GC
GC
GC
2.2 nF
FA
FA
FD
FD
GC
GC
GC
GC
2.7 nF
FA
FA
FD
GC
GC
GC
GC
3.3 nF
FB
FB
FD
GC
GC
GC
GC
3.9 nF
FB
FB
FD
GC
GC
GC
GC
4.7 nF
FB
FB
GC
GC
GC
GC
5.6 nF
FB
FB
GC
GC
6.8 nF
FB
FB
GC
GC
8.2 nF
FD
FD
GC
GC
10 nF
FD
FD
GC
GC
Tape width
8 mm


Similar Part No. - CS1210KRX7RCBN103

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
CS12104 HAMMOND-CS12104 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
CS12106 HAMMOND-CS12106 Datasheet
115Kb / 3P
   Type 1 Mild Steel Junction Box CS Series Screw Cover and without Knockouts
logo
CIT Relay & Switch
CS1210F160 CIT-CS1210F160 Datasheet
108Kb / 1P
   CIT SWITCH
CS1210F260 CIT-CS1210F260 Datasheet
108Kb / 1P
   CIT SWITCH
logo
Transko Electronics, In...
CS1210J TRANSKO-CS1210J Datasheet
158Kb / 1P
   ULTRA MINIATURE CERAMIC SMD TUNING FORK CRYSTAL (1.27 x 1.05 x 0.5mm)
Rev.0: Sep. 2019
More results

Similar Description - CS1210KRX7RCBN103

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com