Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYB20-Q24-D15 Datasheet(PDF) 5 Page - CUI INC

Part # PYB20-Q24-D15
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB20-Q24-D15 Datasheet(HTML) 5 Page - CUI INC

  PYB20-Q24-D15 Datasheet HTML 1Page - CUI INC PYB20-Q24-D15 Datasheet HTML 2Page - CUI INC PYB20-Q24-D15 Datasheet HTML 3Page - CUI INC PYB20-Q24-D15 Datasheet HTML 4Page - CUI INC PYB20-Q24-D15 Datasheet HTML 5Page - CUI INC PYB20-Q24-D15 Datasheet HTML 6Page - CUI INC PYB20-Q24-D15 Datasheet HTML 7Page - CUI INC PYB20-Q24-D15 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
cui.com
CUI Inc
│ SERIES: PYB20-T & PYB20-U │ DESCRIPTION: DC-DC CONVERTER
date 06/16/2015
│ page 5 of 8
MECHANICAL DRAWING (CONTINUED)
U-FRAME
U-FRAME WITH HEATSINK
PIN CONNECTIONS
PIN
Single
Output
Dual
Output
1
GND
GND
2
Vin
Vin
3
CTRL
CTRL
4
Case
Case
5
NC
NC
6
+Vo
+Vo
7
Trim
0V
8
0V
-Vo
PIN CONNECTIONS
PIN
Single
Output
Dual
Output
1
GND
GND
2
Vin
Vin
3
CTRL
CTRL
4
Case
Case
5
NC
NC
6
+Vo
+Vo
7
Trim
0V
8
0V
-Vo
units: mm[inch]
tolerance: ±0.50[±0.02]
wire range: 22~14 AWG
DIN-rail mounting kit available
(part# STK-DIN)
units: mm[inch]
tolerance: ±0.50[±0.02]
wire range: 22~14 AWG
DIN-rail mounting kit available
(part# STK-DIN)
4.75 0.187
(2 PLCS)
9.16 0.361
0.010
34.01 1.339
0.010
20.32 0.800
0.010 (2 PLCS)
12 34
0.138
(2 PLCS)
3.51
52.32 2.060
52.99 2.086
0.158
0.010 (TYP)
(TYP)
0.039
1.00
4.01
19.05 0.750
0.079 X 0.157
[2.01 X 3.99]
(2 PLCS)
33.02 1.300
0.010 (2 PLCS)
5.31
M3X4
(5 PLCS)
0.010
34.93 1.375
(2 PLCS)
0.205
12.19 0.480
5.21
54.99 2.165
0.010 (2 PLCS)
0.433
(5 PLCS)
0.209
10.99
R1.76 0.069
(2 PLCS)
Top View
Front View
Bottom View
56 78
12 34
58
Top View
Bottom View
Front View
22.90 0.902
4.75 0.187
(2 PLCS)
9.16 0.361
0.010
34.01 1.339
0.010
20.32 0.800
0.010 (2 PLCS)
52.99 2.086
1.00 0.039
(TYP)
4.01 0.158
0.010 (TYP)
67
0.138
(2 PLCS)
3.51
52.32 2.060
0.079 X 0.157
[2.01 X 3.99]
(2 PLCS)
5.31
M3X4
(5 PLCS)
0.480
12.19
0.010
34.93 1.375
(2 PLCS)
0.205
2.165
54.99
5.21
0.010 (2 PLCS)
33.02 1.300
0.010 (2 PLCS)
0.433
(5 PLCS)
0.209
10.99
R1.76 0.069
(2 PLCS)
For more information, please visit the product page.


Similar Part No. - PYB20-Q24-D15

ManufacturerPart #DatasheetDescription
logo
CUI INC
PYB20-Q24-D15 CUI-PYB20-Q24-D15 Datasheet
778Kb / 8P
   DC-DC CONVERTER
PYB20-Q24-D15 CUI-PYB20-Q24-D15 Datasheet
623Kb / 7P
   DC-DC CONVERTER
01/15/2021
PYB20-Q24-D15 CUI-PYB20-Q24-D15 Datasheet
714Kb / 8P
   DC-DC CONVERTER
02/15/2021
PYB20-Q24-D15-DIN CUI-PYB20-Q24-D15-DIN Datasheet
796Kb / 7P
   DC-DC CONVERTER
PYB20-Q24-D15-DIN CUI-PYB20-Q24-D15-DIN Datasheet
777Kb / 7P
   DC-DC CONVERTER
01/18/2021
More results

Similar Description - PYB20-Q24-D15

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com