Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PYB20-Q24-D5 Datasheet(PDF) 3 Page - CUI INC

Part # PYB20-Q24-D5
Description  DC-DC CONVERTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PYB20-Q24-D5 Datasheet(HTML) 3 Page - CUI INC

  PYB20-Q24-D5 Datasheet HTML 1Page - CUI INC PYB20-Q24-D5 Datasheet HTML 2Page - CUI INC PYB20-Q24-D5 Datasheet HTML 3Page - CUI INC PYB20-Q24-D5 Datasheet HTML 4Page - CUI INC PYB20-Q24-D5 Datasheet HTML 5Page - CUI INC PYB20-Q24-D5 Datasheet HTML 6Page - CUI INC PYB20-Q24-D5 Datasheet HTML 7Page - CUI INC PYB20-Q24-D5 Datasheet HTML 8Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
cui.com
CUI Inc
│ SERIES: PYB20-T & PYB20-U │ DESCRIPTION: DC-DC CONVERTER
date 06/16/2015
│ page 3 of 8
SAFETY AND COMPLIANCE (CONTINUED)
parameter
conditions/description
min
typ
max
units
conducted emissions
CISPR22/EN55022, class A, class B (external circuit required, see Figure 1-b)
radiated emissions
CISPR22/EN55022, class A, class B (external circuit required, see Figure 1-b)
ESD
IEC/EN61000-4-2, class B, contact ± 4kV
radiated immunity
IEC/EN61000-4-3, class A, 10V/m
EFT/burst
IEC/EN61000-4-4, class B, ± 2kV (external circuit required, see Figure 1-a)
surge
IEC/EN61000-4-5, class B, ± 2kV (external circuit required, see Figure 1-a)
conducted immunity
IEC/EN61000-4-6, class A, 3 Vr.m.s
voltage dips & interruptions
IEC/EN61000-4-29, class B, 0%-70%
MTBF
as per MIL-HDBK-217F @ 25°C
1,000,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curves
-40
85
°C
storage temperature
-55
125
°C
storage humidity
non-condensing
5
95
%
case temperature
at full load, Ta=71°C
105
°C
vibration
10~55 Hz for 30 min. along X, Y and Z axis
10
G
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
chassis mount: 76 x 31.5 x 21.2
chassis mount with heatsink: 76 x 31.5 x 25.10
U-Frame: 52.32 x 54.99 x 19.05
U-Frame with heatsink: 52.32 x 54.99 x 22.90
mm
mm
mm
mm
case material
aluminum alloy
weight
chassis mount
chassis mount with heatsink
U-Frame
U-Frame with heatsink
50
58
58
66
g
g
g
g
For more information, please visit the product page.


Similar Part No. - PYB20-Q24-D5

ManufacturerPart #DatasheetDescription
logo
CUI INC
PYB20-Q24-D5 CUI-PYB20-Q24-D5 Datasheet
778Kb / 8P
   DC-DC CONVERTER
PYB20-Q24-D5 CUI-PYB20-Q24-D5 Datasheet
623Kb / 7P
   DC-DC CONVERTER
01/15/2021
PYB20-Q24-D5 CUI-PYB20-Q24-D5 Datasheet
714Kb / 8P
   DC-DC CONVERTER
02/15/2021
PYB20-Q24-D5-DIN CUI-PYB20-Q24-D5-DIN Datasheet
796Kb / 7P
   DC-DC CONVERTER
PYB20-Q24-D5-DIN CUI-PYB20-Q24-D5-DIN Datasheet
777Kb / 7P
   DC-DC CONVERTER
01/18/2021
More results

Similar Description - PYB20-Q24-D5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com