Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDS-XXJ Datasheet(PDF) 2 Page - CUI INC

Part # SDS-XXJ
Description  STANDARD DIN CONNECTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SDS-XXJ Datasheet(HTML) 2 Page - CUI INC

  SDS-XXJ Datasheet HTML 1Page - CUI INC SDS-XXJ Datasheet HTML 2Page - CUI INC SDS-XXJ Datasheet HTML 3Page - CUI INC SDS-XXJ Datasheet HTML 4Page - CUI INC SDS-XXJ Datasheet HTML 5Page - CUI INC SDS-XXJ Datasheet HTML 6Page - CUI INC SDS-XXJ Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
CUI Inc
│ SERIES: SDS-XXJ │ DESCRIPTION: STANDARD DIN CONNECTOR
date
01/15/2014 │ page 2 of 7
MECHANICAL DRAWINGS
units: mm[inches]
TOLERANCE: ±0.2mm
SDS-30J
10.0 0.394
5.0 0.197
(2 PLCS)
0.094
2.4
15.0 0.591
5.0 0.197
(5 PLCS)
1.3 0.051
+0.1
25°
5.0 0.197
0.591
7.0 0.276
15.0
0.748
19.0
2.5 0.098
10.0 0.394
5.00 0.197
6.5 0.256
1.85
(TYP)
0.073
PCB LAYOUT
TOP VIEW
2
1
Mounting Hole
(2 PLCS)
3
2
3
1
1.60
(3 PLCS)
1.0
1.6 0.063
0.787
20.0
0.394
10.0
0.039
(2 PLCS)
3.5 0.138
(TYP)
13.2 0.520 MAX
0.071
1.80
21.1 0.831
18.0 0.709
MATERIAL
PLATING
earth terminal (30~80)
phosphor bronze
tin
earth terminal (130)
phosphor bronze
silver
contact terminals (30~80)
brass
tin
contact terminals (130)
phosphor bronze
silver
plate (30~60)
bakelite
plate (70, 80, 130)
N/A
plastic
PBT
For more information, please visit the product page.


Similar Part No. - SDS-XXJ

ManufacturerPart #DatasheetDescription
logo
C&K Components
SDS-00-1R CK-COMPONENTS-SDS-00-1R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-2R CK-COMPONENTS-SDS-00-2R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-4R CK-COMPONENTS-SDS-00-4R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
SDS-00-5-R CK-COMPONENTS-SDS-00-5-R Datasheet
324Kb / 2P
   Side Actuated Detect Switches
8 Mar 22
logo
List of Unclassifed Man...
SDS-030A24 ETC2-SDS-030A24 Datasheet
111Kb / 2P
   Power ON with LED indicator
More results

Similar Description - SDS-XXJ

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
   STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
   STANDARD DIN CONNECTOR
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SDF-XXJ CUI-SDF-XXJ Datasheet
349Kb / 7P
   STANDARD DIN CONNECTOR
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
   STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
   STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
   STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
   STANDARD DIN CONNECTOR
SD-BV CUI-SD-BV Datasheet
330Kb / 3P
   STANDARD DIN CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com