Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDF-XXJ Datasheet(PDF) 4 Page - CUI INC

Part # SDF-XXJ
Description  STANDARD DIN CONNECTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

SDF-XXJ Datasheet(HTML) 4 Page - CUI INC

  SDF-XXJ Datasheet HTML 1Page - CUI INC SDF-XXJ Datasheet HTML 2Page - CUI INC SDF-XXJ Datasheet HTML 3Page - CUI INC SDF-XXJ Datasheet HTML 4Page - CUI INC SDF-XXJ Datasheet HTML 5Page - CUI INC SDF-XXJ Datasheet HTML 6Page - CUI INC SDF-XXJ Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
cui.com
CUI Inc
│ SERIES: SDF-XXJ │ DESCRIPTION: STANDARD DIN CONNECTOR
date 07/15/2014
│ page 4 of 7
SDF-51J
5.00 0.197
2.40.094
(2 PLCS)
15.00.591
10.00.394
5.00.197
(2 PLCS)
10.00.394
(3 PLCS)
1.30.051
(7 PLCS)
12.50.492
(2 PLCS)
5.0 0.197
2.7 0.106
12.5 0.492
3.50.138
(TYP)
10.00.394
10.0 0.394
30°
30°
5.00.197
10.00.394
15.00.591
7.0 0.276
PCB LAYOUT
TOP VIEW
4
3
3
1
4
2
1
5
5
Mounting Hole
(2 PLCS)
2
0.087
2.2
6.5
(2 PLCS)
0.073
0.256
0.236
6.0
1.85
15.7 0.618
1.00.039
(5 PLCS)
0.106
(2 PLCS)
(2 PLCS)
0.579
14.7
21.4
20.7 0.815
0.063
0.843
1.6
2.7
1.0 0.039
(2 PLCS)
SDF-60J
5.00 0.197
2.40 0.094
(2 PLCS)
15.0 0.591
10.0 0.394
5.00.197
(2 PLCS)
10.0 0.394
(3 PLCS)
12.5 0.492
(2 PLCS)
1.30 0.051
(8 PLCS)
15.0 0.591
5.0 0.197
2.7 0.106
10.0 0.394
12.5 0.492
2.5 0.098
6.5 0.256
5.00 0.197
10.0 0.394
15.0 0.591
7.00.276
30°
30°
PCB LAYOUT
TOP VIEW
1
2
3
4
5
6
5
1
2
6
3
Mounting Hole
(2 PLCS)
4
0.073
(2 PLCS)
15.7
0.087
2.2
0.138
(TYP)
6.0
0.618
0.236
1.85
3.5
18.0 0.709
1.00.039
(6 PLCS)
0.106
(2 PLCS)
20.7 0.815
0.579
14.7
0.843
21.4
10.0 0.394
(2 PLCS)
0.063
1.6
2.7
1.0 0.039
(2 PLCS)
For more information, please visit the product page.


Similar Part No. - SDF-XXJ

ManufacturerPart #DatasheetDescription
logo
Nuvotem Talema
SDF-0.63-1000 TALEMA-SDF-0.63-1000 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
SDF-0.63-1000 TALEMA-SDF-0.63-1000 Datasheet
84Kb / 3P
   High Efficiency Storage Chokes
SDF-0.63-2000 TALEMA-SDF-0.63-2000 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
SDF-0.63-2000 TALEMA-SDF-0.63-2000 Datasheet
84Kb / 3P
   High Efficiency Storage Chokes
SDF-0.63-2500 TALEMA-SDF-0.63-2500 Datasheet
60Kb / 3P
   SD Series High Efficiency Storage Chokes
More results

Similar Description - SDF-XXJ

ManufacturerPart #DatasheetDescription
logo
CUI INC
SD-XXLP CUI-SD-XXLP Datasheet
189Kb / 3P
   STANDARD DIN CONNECTOR
SD CUI-SD Datasheet
322Kb / 5P
   STANDARD DIN CONNECTOR
SD-70 CUI-SD-70 Datasheet
316Kb / 5P
   STANDARD DIN CONNECTOR
logo
CUI Devices
SDS-J CUID-SDS-J Datasheet
522Kb / 6P
   STANDARD DIN CONNECTOR
08/05/2022
logo
CUI INC
SD-XXLS CUI-SD-XXLS Datasheet
227Kb / 3P
   STANDARD DIN CONNECTOR
SD-LS CUI-SD-LS Datasheet
335Kb / 3P
   STANDARD DIN CONNECTOR
SDS-J CUI-SDS-J Datasheet
421Kb / 6P
   STANDARD DIN CONNECTOR
SD-30J CUI-SD-30J Datasheet
207Kb / 3P
   STANDARD DIN CONNECTOR
SD-30SN CUI-SD-30SN Datasheet
216Kb / 4P
   STANDARD DIN CONNECTOR
SD-BV CUI-SD-BV Datasheet
330Kb / 3P
   STANDARD DIN CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com