Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN1-S24-D5-S Datasheet(PDF) 2 Page - CUI INC

Part # PCN1-S24-D5-S
Description  DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PCN1-S24-D5-S Datasheet(HTML) 2 Page - CUI INC

  PCN1-S24-D5-S Datasheet HTML 1Page - CUI INC PCN1-S24-D5-S Datasheet HTML 2Page - CUI INC PCN1-S24-D5-S Datasheet HTML 3Page - CUI INC PCN1-S24-D5-S Datasheet HTML 4Page - CUI INC PCN1-S24-D5-S Datasheet HTML 5Page - CUI INC PCN1-S24-D5-S Datasheet HTML 6Page - CUI INC PCN1-S24-D5-S Datasheet HTML 7Page - CUI INC PCN1-S24-D5-S Datasheet HTML 8Page - CUI INC PCN1-S24-D5-S Datasheet HTML 9Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
cui.com
date 07/26/2016
│ page 2 of 9
CUI Inc
│ SERIES: PCN1-S │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 Vdc input models
12 Vdc input models
24 Vdc input models
4.5
10.8
21.6
5
12
24
5.5
13.2
26.4
Vdc
Vdc
Vdc
surge voltage
for maximum of 100 ms
5 Vdc input models
12 Vdc input models
24 Vdc input models
9
18
30
Vdc
Vdc
Vdc
current
5 Vdc input models
12 Vdc input models
24 Vdc input models
250
110
50
mA
mA
mA
filter
capacitive
input reverse polarity protection no
input fuse
0.5 A time delay fuse for all models (recommended)
Notes:
1. Required to add a 2.2 µF (5 & 12 Vdc input models) or 4.7 µF (24 Vdc input models) ceramic capacitor to the input to reduce input voltage stress.
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
single output models
dual output models
220
100
μF
μF
voltage accuracy
±3.0
%
line regulation
1.0% change in input voltage
±1.2
%
load regulation
from 20% load to full load
±10
%
switching frequency
at nominal Vin, full load
24 Vdc input models
all other models
75
100
kHz
kHz
temperature coefficient
±0.05
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
momentary
1
s
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
1,500
Vdc
isolation resistance
input to output
1,000
MΩ
isolation capacitance
input to output
10
pF
conducted emissions
EN 55022 Class B (external circuit required, see Figure 4)
MTBF
as per MIL-HDBK-217F, full load, GB, 25°C
1,500,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
see derating curve
-40
100
°C
storage temperature
-55
125
°C
operating humidity
non-condensing
95
%
For more information, please visit the product page.


Similar Part No. - PCN1-S24-D5-S

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCN1-S24-D5-S CUI-PCN1-S24-D5-S Datasheet
1Mb / 9P
   DC-DC CONVERTER
PCN1-S24-D5-S CUI-PCN1-S24-D5-S Datasheet
5Mb / 9P
   DC-DC CONVERTER
07/01/2021
More results

Similar Description - PCN1-S24-D5-S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com