Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSK-10B-S9 Datasheet(PDF) 3 Page - CUI INC

Part # PSK-10B-S9
Description  AC-DC POWER SUPPLY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PSK-10B-S9 Datasheet(HTML) 3 Page - CUI INC

  PSK-10B-S9 Datasheet HTML 1Page - CUI INC PSK-10B-S9 Datasheet HTML 2Page - CUI INC PSK-10B-S9 Datasheet HTML 3Page - CUI INC PSK-10B-S9 Datasheet HTML 4Page - CUI INC PSK-10B-S9 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date 02/23/2017
│ page 3 of 5
CUI Inc
│ SERIES: PSK-10B │ DESCRIPTION: AC-DC POWER SUPPLY
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wavesoldering
seewavesolderingprofile
260
°C
Time (Seconds)
Notes:
1.Solderingmaterials:Sn/Cu/Ni
2.Rampuprateduringpreheat:1.4°C/s(from50°Cto100°C)
3.Soakingtemperature:0.5°C/s(from100°Cto130°C),60±20seconds
4.Peaktemperature:260°C,above250°Cfor3~6seconds
5.Rampdownrateduringcooling:-10°C/s(from260°Cto150°C)
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
2.000 x 1.000 x 0.809 (50.80 x 25.40 x 20.55 mm)
inch
weight
45
g
cooling
naturalconvection
MECHANICAL DRAWING
PINCONNECTIONS
PIN
Function
1
ACN
2
ACL
3
+Vout
4
-Vout
1.80045.72
2.00050.80
1.00
0.039
2
3
4
1
units: inch [mm]
tolerance:X.XXX=±0.020[±0.50]
For more information, please visit the product page.


Similar Part No. - PSK-10B-S9

ManufacturerPart #DatasheetDescription
logo
CUI INC
PSK-10B-S9 CUI-PSK-10B-S9 Datasheet
434Kb / 5P
   AC-DC POWER SUPPLY
01/08/2019
More results

Similar Description - PSK-10B-S9

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
POWERPLUG24W STMICROELECTRONICS-POWERPLUG24W Datasheet
180Kb / 5P
   AC/DC POWER SUPPLY
logo
CUI INC
PBK-3-B CUI-PBK-3-B_15 Datasheet
732Kb / 9P
   AC-DC POWER SUPPLY
VOF-6 CUI-VOF-6_15 Datasheet
237Kb / 5P
   AC-DC POWER SUPPLY
VSUP-1K2 CUI-VSUP-1K2_12 Datasheet
372Kb / 6P
   AC-DC POWER SUPPLY
PSF-155 CUI-PSF-155 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
SWI6-E CUI-SWI6-E Datasheet
413Kb / 5P
   AC-DC POWER SUPPLY
EPSA050100UE CUI-EPSA050100UE Datasheet
327Kb / 4P
   AC-DC POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE_12 Datasheet
363Kb / 5P
   AC-DC POWER SUPPLY
VMS-180 CUI-VMS-180 Datasheet
699Kb / 6P
   AC-DC POWER SUPPLY
SDI65-UD CUI-SDI65-UD_16 Datasheet
537Kb / 6P
   AC-DC POWER SUPPLY
SMI36 CUI-SMI36_16 Datasheet
506Kb / 5P
   AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com